Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 120 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 120 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 116Page - Microchip Technology ANSELA Datasheet HTML 117Page - Microchip Technology ANSELA Datasheet HTML 118Page - Microchip Technology ANSELA Datasheet HTML 119Page - Microchip Technology ANSELA Datasheet HTML 120Page - Microchip Technology ANSELA Datasheet HTML 121Page - Microchip Technology ANSELA Datasheet HTML 122Page - Microchip Technology ANSELA Datasheet HTML 123Page - Microchip Technology ANSELA Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 222 page
background image
MCP19111
DS22331A-page 120
 2013 Microchip Technology Inc.
20.5
Interrupt-On-Change Registers
REGISTER 20-1:
IOCA: INTERRUPT-ON-CHANGE PORTGPA REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IOCA7
IOCA6
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
IOCA<7:6>: Interrupt-on-Change PORTGPA Register bits.
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
bit 5
IOCA<5>: Interrupt-on-Change PORTGPA Register bits(1).
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
bit 4-0
IOCA<4:0>: Interrupt-on-Change PORTGPA Register bits.
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
Note 1:
The Interrupt-on-change on GPA5 is disabled if GPA5 is configured as MCLR.
REGISTER 20-2:
IOCB: INTERRUPT-ON-CHANGE PORTGPB REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
IOCB7
IOCB6
IOCB5
IOCB4
—
IOCB2
IOCB1
IOCB0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
IOCB<7:4>: Interrupt-on-Change PORTGPB Register bits.
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
bit 3
Unimplemented: Read as ‘0’
bit 2-0
IOCB<2:0>: Interrupt-on-Change PORTGPB Register bits.
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
TABLE 20-1:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPT-ON-CHANGE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
————
ANSA3
ANSA2
ANSA1
ANSA0
113
ANSELB
—
—
ANSB5
ANSB4
—
ANSB2
ANSB1
—
116
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF
94
IOCA
IOCA7
IOCA6
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
120
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
IOCB2
IOCB1
IOCB0
120
TRISGPA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
112
TRISGPB
TRISB7
TRISB6
TRISB5
TRISB4
—
TRISB2
TRISB1
TRISB0
115
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by interrupt-on-change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com