Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 124 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 124 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 120Page - Microchip Technology ANSELA Datasheet HTML 121Page - Microchip Technology ANSELA Datasheet HTML 122Page - Microchip Technology ANSELA Datasheet HTML 123Page - Microchip Technology ANSELA Datasheet HTML 124Page - Microchip Technology ANSELA Datasheet HTML 125Page - Microchip Technology ANSELA Datasheet HTML 126Page - Microchip Technology ANSELA Datasheet HTML 127Page - Microchip Technology ANSELA Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 222 page
background image
MCP19111
DS22331A-page 124
 2013 Microchip Technology Inc.
22.1
ADC Configuration
When configuring and using the ADC, the following
functions must be considered:
• Port configuration
• Channel selection
• ADC conversion clock source
• Interrupt control
• Result formatting
22.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and
digital signals. When converting analog signals, the I/O
pin should be configured for analog by setting the
associated
TRIS
and
ANSEL
bits.
Refer
to
Section 19.0 “I/O Ports” for more information.
22.1.2
CHANNEL SELECTION
There are up to 21 channel selections available:
• AN<6:0> pins
• VIN: 1/5 of the input voltage (VIN)
•VREGREF: VOUT reference voltage
• OV_REF: reference for OV comparator
• UV_REF: reference for UV comparator
• VBGR: band gap reference
• VOUT: output voltage
• CRT: voltage proportional to the AC inductor
current
• VZC: an internal ground, Voltage for Zero Current
• DEMAND: input to slope compensation circuitry
• RELEFF: relative efficient measurement channel
• TMP_ANA: voltage proportional to silicon die tem-
perature
• ANA_IN: for a multi-phase slave, error amplifier
signal received from master
• DCI: DC inductor valley current
The CHS<4:0> bits of the ADCON0 register determine
which channel is connected to the sample and hold
circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 22.2
“ADC Operation” for more information.
22.1.3
ADC CONVERSION CLOCK
The source of the conversion clock is software
selectable via the ADCS bits of the ADCON1 register.
There are five possible clock options:
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (clock derived from internal oscillator with a
divisor of 16)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11 TAD periods
as shown in Figure 22-2.
For
a
correct
conversion,
the
appropriate
TAD
specification must be met. Refer to the A/D conversion
requirements
in
Section 5.0
“Digital
Electrical
Characteristics” for more information. Table 22-1
gives examples of appropriate ADC clock selections.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.
TABLE 22-1:
ADC CLOCK PERIOD (TAD) VS.
DEVICE OPERATING
FREQUENCIES
ADC Clock Period (TAD)
Device
Frequency
(FOSC)
ADC
Clock Source
ADCS<2:0>
8 MHz
FOSC/8
001
1.0 µs(2)
FOSC/16
101
2.0 µs
FOSC/32
010
4.0 µs
FOSC/64
110
8.0 µs(3)
FRC
x11
2.0 – 6.0 µs(1,4)
Legend: Shaded cells are outside of recommended
range.
Note 1:
The FRC source has a typical TAD time of
4µs for VDD >3.0V.
2:
These values violate the minimum
required TAD time.
3:
For faster conversion times, the selection
of another clock source is recommended.
4:
The FRC clock source is only
recommended if the conversion will be
preformed during Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com