Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 123 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 123 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 119Page - Microchip Technology ANSELA Datasheet HTML 120Page - Microchip Technology ANSELA Datasheet HTML 121Page - Microchip Technology ANSELA Datasheet HTML 122Page - Microchip Technology ANSELA Datasheet HTML 123Page - Microchip Technology ANSELA Datasheet HTML 124Page - Microchip Technology ANSELA Datasheet HTML 125Page - Microchip Technology ANSELA Datasheet HTML 126Page - Microchip Technology ANSELA Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 123
MCP19111
22.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 10-bit binary result via successive
approximation and stores the right justified conversion
result into the ADC result registers (ADRESH:ADRESL
register pair). Figure 22-1 shows the block diagram of
the ADC.
The internal band gap supplies the voltage reference to
the ADC.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
FIGURE 22-1:
ADC BLOCK DIAGRAM
Note 1: When ADON = 0, all multiplexer inputs are disconnected.
2: See ADCON0 register (Register 22-1) for detailed analog channel selection per device.
00000
00001
00010
00011
00100
00101
00111
00110
01000
01001
01010
01011
RELEFF
ADC
VOUT
VREF
ADON
GO/DONE
CHS4:CHS0
ADRESH
ADRESL
10
VSS
TEMP_ANA
GPA0
VIN_ANA
CRT
GPB4
VZC
VREF
OVREF
UVREF
VBGR
ANA_IN
DEMAND
GPB2
DCI
01100
GPA1
GPA3
GPA2
GPB1
GPB5
10000
10001
10010
10011
10100
10101
10110
10111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com