Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 3 Page - DB Lectro Inc

  MSB02001 Datasheet HTML 1Page - DB Lectro Inc MSB02001 Datasheet HTML 2Page - DB Lectro Inc MSB02001 Datasheet HTML 3Page - DB Lectro Inc MSB02001 Datasheet HTML 4Page - DB Lectro Inc MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MSB
Electrical characteristics*
Approvals
Mechanical characteristics
Recommended/highest tightening torque
0.5/0.6 Nm (4.42/5.31 lbf in)
PCB thickness:
max. 2.4 mm (.094 in)
PCB hole diameter:
min. 1.1 mm (.043 in) / 1.3 mm (.051 in) for "T" version
Stripping length
5 ÷ 6 mm (.197 ÷ .24 in)
Operating temperature range
-40 °C ÷ +110 °C (-40 °F ÷ +230 °F)
Climatic category
40/110/21 According to EN 60068-1
Solid wire section
30÷16 AWG (UL)* 0.05÷1.5 mm² (IMQ)*
30÷14 AWG (UL)* 0.05÷1.5 mm² (IEC EN)* 55° and "T" versions
Stranded wire section
30÷16 AWG (UL)* 0.05÷1 mm² (IMQ)*
30÷14 AWG (UL)* 0.05÷1.5 mm² (IEC EN)* 55° and "T" versions
Rated voltage for 5 mm (.197 in) and 5.08 mm (.200 in)
300 V (UL)*
Rated voltage for 10 mm (.394 in) and 10.16 mm (.400 in)
750 V (IMQ)*
Rated current
17.5 A (IMQ)*
Contact resistance
<15 mΩ
Insulation resistance
>109 Ω (500V DC)
*All the above mentioned data refer to the highest values amongst the certified ones.
V voltage, I current values and tightening torque are related to the norms to be applied to the product and to its use.
IEC:
250 V - T 110 - 17.5 A - 1.5 mm2 solid (13.5 A - 1 mm2 stranded) for 5 mm and 5.08 mm pitch
EN 60998
250 V - T 110 - 17.5 A - 1.5 mm2 solid and stranded for 55° and "T" versions and 5 mm and 5.08 mm pitch
750 V - T 110 - 17.5 A - 1.5 mm2 solid (13.5 A - 1 mm2 stranded) for 10 mm and 10.16 mm pitch
750 V - T 110 - 17.5 A - 1.5 mm2 solid and stranded for 55° and "T" versions and 10 mm and 10.16 mm pitch
UL:
300 V - 13.5 A (factory wiring), 10 A (field wiring) - 30÷16 AWG - 6 lbf·in for 5 mm, 5.08 mm pitch
File E167476
300 V - 17.5 A (factory wiring), 15 A (field wiring) - 30÷14 AWG - 6 lbf·
in for 55° and "T" versions 5 mm, 5.08 mm pitch
600 V - 13.5 A (factory wiring), 10 A (field wiring) - 30÷16 AWG - 6 lbf·in for 10 mm and 10.16 mm pitch
600 V - 17.5 A (factory wiring), 15 A (field wiring) - 30÷14 AWG - 6 lbf·in for 55° and "T" versions 10 mm and 10.16 mm pitch
Application values for end-use equipment have to be in accordance to UL norms and applicable to them.
VDE:
250 V - 13.5 A - T 110 - 1 mm2
for 5 mm and 5.08 mm pitch
File n. 40022744
750 V - 13.5 A - T 110 - 1 mm2 for 10 mm and 10.16 mm pitch
IMQ:
250 V - T 110 - 17.5 A - 1.5 mm2 solid (13.5 A - 1 mm2 stranded) for 5 mm and 5.08 mm pitch
File: EC318
750 V - T 110 - 17.5 A - 1.5 mm2 solid (13.5 A - 1 mm2 stranded) for 10 mm and 10.16 mm pitch
M3 nickel plated copper alloy screw.
Polyamide housing.
Standard colour: GREEN.
V0 self-extinguishing according to UL 94.
Chlorinated solvents resistant,
with no phosphor, dioxin or
detrimental to health halogens.
Nickel plated copper alloy clamp
Easy to solder lead-free
tin-plated copper alloy pin.
Characteristics of components
See also “Certifications”, page 4
56
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com