Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 2 Page - DB Lectro Inc

  MSB02001 Datasheet HTML 1Page - DB Lectro Inc MSB02001 Datasheet HTML 2Page - DB Lectro Inc MSB02001 Datasheet HTML 3Page - DB Lectro Inc MSB02001 Datasheet HTML 4Page - DB Lectro Inc MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
0
10
1
½
20
30
mm in
MSB
Brief description
Functional characteristics
Dimensional class:
low
Standard colour:
green
Height:
10 mm (.394 in)
Max approved wire sections:
solid: 1.5 mm2 (IMQ); 16 AWG (UL)
stranded 1 mm² (IMQ); 16 AWG (UL)
solid and stranded for 55° and “T” version
1.5 mm² (IEC EN); 14 AWG (UL)
clamp opening size:
2.5 x 1.7 mm (.098 x .067 in)
2.5 x 1.9 mm (.098 x .075 in) 55° version
2.45 x 1.98 mm (.096 x .078 in) “T” version
Versions:
side stackable,
modular
single mould poles:
from 2 to 25
Pitches:
metric 5 mm, 10 mm
(.197 in, .394 in)
imperial 5.08 mm, 10.16 mm
(.200 in, .400 in)
Solderable at a temperature up to
270°C / 518°F
Although the MSB series of terminal blocks is small in size it offers a high
number of connection possibilities
; in fact it can wire up to 1.5mm²
(15 AWG)
and consequently a certified current range of 17.5A can be
reached.
It is available in 5 mm (.197 in) and 10 mm (.394 in) metric pitches and
5.08 mm (.200 in) and 10.16 mm (.400 in) Imperial pitches, in monolithic
blocks from 2 to 25 poles, with insertion of the wire parallel to the PCB,
inclined at 55° or at 90° standard or in "T" version.
All the housings are modular, therefore it is possible to mounted on the
PCB the monolithic terminal blocks from 2 to 25 poles separately, or to
compose the basic terminal blocks until any number of poles is obtained.
By taking advantage of this particular characteristic a minimum stock of
basic terminal blocks can be kept.
It is simple to manage product, warehouse and assembly with the Kit
packages because several versions can be achieved with only one code,
the part-numbers being significantly reduced and the risk of making
mistakes is also reduced.
MSB with pegs
The straight 2 pole MSB is also available with clamping pegs
moulded in the plastic housing to secure it to the PCB. With this
solution the nominal tightening torque can be applied and the most
restrictive guidelines set by the international standards (VDE) are
passed.
90° version
modular
straight version
modular
straight version
modular
55° version
modular
55° version
side stackable
“T” version with central pin
modular
from 2 to 9 poles
BSC__00_-0R
for rising clamp
straight, modular
straight, side stackable
270°C
s
270°C
s
270°C
s
270°C
s
RoHS
2002/95/EC
270°C
s
270°C
s
270°C
s
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com