Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 13 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 13 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc MSB02001 Datasheet HTML 11Page - DB Lectro Inc MSB02001 Datasheet HTML 12Page - DB Lectro Inc MSB02001 Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MSBH__002-0N
straight, side stackable
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSBH02002-0N
500
1,02
2500
5,10
03
MSBH03002-0N
300
0,92
1750
5,36
04
MSBH04002-0N
200
0,82
1000
4,08
05
MSBH05002-0N
150
0,77
750
3,83
06
MSBH06002-0N
125
0,77
500
3,06
07
MSBH07002-0N
100
0,71
500
3,57
08
MSBH08002-0N
100
0,82
500
4,08
09
MSBH09002-0N
100
0,92
500
4,59
10
MSBH10002-0N
100
1,02
500
5,10
11
MSBH11002-0N
100
1,12
250
2,81
12
MSBH12002-0N
100
1,22
250
3,06
MSBH__001-0N
straight, side stackable
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSBH02001-0N
800
1,42
2500
4,45
03
MSBH03001-0N
500
1,34
2500
6,68
04
MSBH04001-0N
400
1,42
2000
7,12
05
MSBH05001-0N
300
1,34
1750
7,79
06
MSBH06001-0N
250
1,34
1500
8,01
07
MSBH07001-0N
200
1,25
1000
6,23
08
MSBH08001-0N
175
1,25
750
5,34
09
MSBH09001-0N
150
1,20
750
6,01
10
MSBH10001-0N
125
1,11
500
4,45
11
MSBH11001-0N
125
1,22
500
4,90
12
MSBH12001-0N
100
1,07
500
5,34
MSBH__0M2-0N
straight, modular
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSBH020M2-0N
500
1,02
2500
5,10
03
MSBH030M2-0N
300
0,92
1750
5,36
04
MSBH040M2-0N
200
0,82
1000
4,08
05
MSBH050M2-0N
150
0,77
750
3,83
06
MSBH060M2-0N
125
0,77
500
3,06
07
MSBH070M2-0N
100
0,71
500
3,57
08
MSBH080M2-0N
100
0,82
500
4,08
09
MSBH090M2-0N
100
0,92
500
4,59
10
MSBH100M2-0N
100
1,02
500
5,10
11
MSBH110M2-0N
100
1,12
250
2,81
12
MSBH120M2-0N
100
1,22
250
3,06
MSBH__0M1-0N
straight, modular
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSBH020M1-0N
800
1,42
2500
4,45
03
MSBH030M1-0N
500
1,34
2500
6,68
04
MSBH040M1-0N
400
1,42
2000
7,12
05
MSBH050M1-0N
300
1,34
1750
7,79
06
MSBH060M1-0N
250
1,34
1500
8,01
07
MSBH070M1-0N
200
1,25
1000
6,23
08
MSBH080M1-0N
175
1,25
750
5,34
09
MSBH090M1-0N
150
1,20
750
6,01
10
MSBH100M1-0N
125
1,11
500
4,45
11
MSBH110M1-0N
125
1,22
500
4,90
12
MSBH120M1-0N
100
1,07
500
5,34
wire entry
wire entry
wire entry
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
wire entry
MSB
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com