Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 8 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 8 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 4Page - DB Lectro Inc MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc MSB02001 Datasheet HTML 11Page - DB Lectro Inc MSB02001 Datasheet HTML 12Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
*W [kg]: approximate weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSB
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
MSB__T06
90° “T” version, modular
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01T06
800
0,91
3500
3,99
02
MSB02T06
500
1,14
2250
5,13
03
MSB03T06
300
1,03
1500
5,13
04
MSB04T06
200
0,91
1000
4,56
05
MSB05T06
150
0,86
750
4,28
06
MSB06T06
125
0,86
750
5,13
07
MSB07T06
100
0,80
750
5,99
08
MSB08T06
100
0,91
500
5,56
09
MSB09T06
100
1,03
500
5,13
10
MSB10T06
100
1,14
500
5,70
11
MSB11T06
100
1,25
500
6,27
12
MSB12T06
100
1,37
500
6,84
13
MSB13T06
75
1,12
250
3,71
MSB__T05
90° “T” version, modular
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02T05
800
1,47
3500
6,44
03
MSB03T05
500
1,38
2250
6,21
04
MSB04T05
400
1,47
2000
7,36
05
MSB05T05
300
1,38
1500
6,90
06
MSB06T05
250
1,38
1000
5,52
07
MSB07T05
200
1,29
1000
6,44
08
MSB08T05
175
1,29
750
5,52
09
MSB09T05
150
1,24
750
6,21
10
MSB10T05
125
1,15
750
6,90
11
MSB11T05
125
1,27
750
7,59
12
MSB12T05
100
1,10
750
8,28
13
MSB13T05
100
1,20
750
8,97
14
MSB14T05
100
1,29
750
9,66
15
MSB15T05
100
1,38
500
6,90
16
MSB16T05
100
1,47
500
7,36
17
MSB17T05
100
1,56
500
7,82
18
MSB18T05
100
1,66
500
8,28
19
MSB19T05
100
1,75
500
8,74
20
MSB20T05
100
1,84
500
9,20
21
MSB21T05
100
1,93
500
9,66
22
MSB22T05
100
2,02
400
8,10
23
MSB23T05
100
2,12
400
8,46
24
MSB24T05
100
2,21
400
8,83
25
MSB25T05
75
1,73
250
5,75
MSB__T02
90° “T” version, modular
10 mm / .276” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01T02
800
0,91
3500
3,99
02
MSB02T02
500
1,14
2250
5,13
03
MSB03T02
300
1,03
1500
5,13
04
MSB04T02
200
0,91
1000
4,56
05
MSB05T02
150
0,86
750
4,28
06
MSB06T02
125
0,86
750
5,13
07
MSB07T02
100
0,80
750
5,99
08
MSB08T02
100
0,91
500
5,56
09
MSB09T02
100
1,03
500
5,13
10
MSB10T02
100
1,14
500
5,70
11
MSB11T02
100
1,25
500
6,27
12
MSB12T02
100
1,37
500
6,84
13
MSB13T02
75
1,12
250
3,71
MSB__T01
90° “T” version, modular
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02T01
800
1,47
3500
6,44
03
MSB03T01
500
1,38
2250
6,21
04
MSB04T01
400
1,47
2000
7,36
05
MSB05T01
300
1,38
1500
6,90
06
MSB06T01
250
1,38
1000
5,52
07
MSB07T01
200
1,29
1000
6,44
08
MSB08T01
175
1,29
750
5,52
09
MSB09T01
150
1,24
750
6,21
10
MSB10T01
125
1,15
750
6,90
11
MSB11T01
125
1,27
750
7,59
12
MSB12T01
100
1,10
750
8,28
13
MSB13T01
100
1,20
750
8,97
14
MSB14T01
100
1,29
750
9,66
15
MSB15T01
100
1,38
500
6,90
16
MSB16T01
100
1,47
500
7,36
17
MSB17T01
100
1,56
500
7,82
18
MSB18T01
100
1,66
500
8,28
19
MSB19T01
100
1,75
500
8,74
20
MSB20T01
100
1,84
500
9,20
21
MSB21T01
100
1,93
500
9,66
22
MSB22T01
100
2,02
400
8,10
23
MSB23T01
100
2,12
400
8,46
24
MSB24T01
100
2,21
400
8,83
25
MSB25T01
75
1,73
250
5,75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com