Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 12 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 12 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc MSB02001 Datasheet HTML 11Page - DB Lectro Inc MSB02001 Datasheet HTML 12Page - DB Lectro Inc MSB02001 Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
*W [kg]: approximate weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSB
MSB__TA6-0000P
90° “T”, side stackable with VDE pegs
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA6-0000P
500
1,06
2250
5,13
03
MSB03TA6-0000P
300
0,99
1500
5,13
04
MSB04TA6-0000P
200
0,90
1000
4,56
05
MSB05TA6-0000P
150
0,85
750
4,28
06
MSB06TA6-0000P
125
0,86
750
5,13
07
MSB07TA6-0000P
100
0,81
750
5,99
08
MSB08TA6-0000P
100
0,93
500
5,56
09
MSB09TA6-0000P
100
1,04
500
5,13
10
MSB10TA6-0000P
100
1,16
500
5,70
11
MSB11TA6-0000P
100
1,28
500
6,27
12
MSB12TA6-0000P
100
1,36
500
6,84
13
MSB13TA6-0000P
75
1,14
250
3,71
MSB__TA5-0000P
90° “T”, side stackable with VDE pegs
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA5-0000P
800
1,47
3500
6,44
03
MSB03TA5-0000P
500
1,38
2250
6,21
04
MSB04TA5-0000P
400
1,47
2000
7,36
05
MSB05TA5-0000P
300
1,38
1500
6,90
06
MSB06TA5-0000P
250
1,38
1000
5,52
07
MSB07TA5-0000P
200
1,29
1000
6,44
08
MSB08TA5-0000P
175
1,29
750
5,52
09
MSB09TA5-0000P
150
1,24
750
6,21
10
MSB10TA5-0000P
125
1,15
750
6,90
11
MSB11TA5-0000P
125
1,27
750
7,59
12
MSB12TA5-0000P
100
1,10
750
8,28
13
MSB13TA5-0000P
100
1,20
750
8,97
14
MSB14TA5-0000P
100
1,29
750
9,66
15
MSB15TA5-0000P
100
1,38
500
6,90
16
MSB16TA5-0000P
100
1,47
500
7,36
17
MSB17TA5-0000P
100
1,56
500
7,82
18
MSB18TA5-0000P
100
1,66
500
8,28
19
MSB19TA5-0000P
100
1,75
500
8,74
20
MSB20TA5-0000P
100
1,84
500
9,20
21
MSB21TA5-0000P
100
1,93
500
9,66
22
MSB22TA5-0000P
100
2,02
400
8,10
23
MSB23TA5-0000P
100
2,12
400
8,46
24
MSB24TA5-0000P
100
2,21
400
8,83
25
MSB25TA5-0000P
75
1,73
250
5,75
MSB__TA2-0000P
90° “T”, side stackable with VDE pegs
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA2-0000P
500
1,06
2250
5,13
03
MSB03TA2-0000P
300
0,99
1500
5,13
04
MSB04TA2-0000P
200
0,90
1000
4,56
05
MSB05TA2-0000P
150
0,85
750
4,28
06
MSB06TA2-0000P
125
0,86
750
5,13
07
MSB07TA2-0000P
100
0,81
750
5,99
08
MSB08TA2-0000P
100
0,93
500
5,56
09
MSB09TA2-0000P
100
1,04
500
5,13
10
MSB10TA2-0000P
100
1,16
500
5,70
11
MSB11TA2-0000P
100
1,28
500
6,27
12
MSB12TA2-0000P
100
1,36
500
6,84
13
MSB13TA2-0000P
75
1,14
250
3,71
MSB__TA1-0000P
90° “T”, side stackable with VDE pegs
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA1-0000P
800
1,47
3500
6,44
03
MSB03TA1-0000P
500
1,38
2250
6,21
04
MSB04TA1-0000P
400
1,47
2000
7,36
05
MSB05TA1-0000P
300
1,38
1500
6,90
06
MSB06TA1-0000P
250
1,38
1000
5,52
07
MSB07TA1-0000P
200
1,29
1000
6,44
08
MSB08TA1-0000P
175
1,29
750
5,52
09
MSB09TA1-0000P
150
1,24
750
6,21
10
MSB10TA1-0000P
125
1,15
750
6,90
11
MSB11TA1-0000P
125
1,27
750
7,59
12
MSB12TA1-0000P
100
1,10
750
8,28
13
MSB13TA1-0000P
100
1,20
750
8,97
14
MSB14TA1-0000P
100
1,29
750
9,66
15
MSB15TA1-0000P
100
1,38
500
6,90
16
MSB16TA1-0000P
100
1,47
500
7,36
17
MSB17TA1-0000P
100
1,56
500
7,82
18
MSB18TA1-0000P
100
1,66
500
8,28
19
MSB19TA1-0000P
100
1,75
500
8,74
20
MSB20TA1-0000P
100
1,84
500
9,20
21
MSB21TA1-0000P
100
1,93
500
9,66
22
MSB22TA1-0000P
100
2,02
400
8,10
23
MSB23TA1-0000P
100
2,12
400
8,46
24
MSB24TA1-0000P
100
2,21
400
8,83
25
MSB25TA1-0000P
75
1,73
250
5,75
wire entry
wire entry
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com