Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 6 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 6 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 2Page - DB Lectro Inc MSB02001 Datasheet HTML 3Page - DB Lectro Inc MSB02001 Datasheet HTML 4Page - DB Lectro Inc MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
*W
[kg]: approximate weight per box in kg
**industrial packaging:
add “-00000E” at standard code
MSB
MSB__046
55°, modular
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01046
800
1,03
2000
2,58
02
MSB02046
500
1,29
2000
5,16
03
MSB03046
300
1,16
750
2,90
04
MSB04046
200
1,03
500
2,58
max 4 poles can be combined
MSB__045
55°, modular
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02045
800
1,65
2000
4,12
03
MSB03045
500
1,55
1750
5,41
04
MSB04045
400
1,65
1000
4,12
05
MSB05045
300
1,55
750
3,86
06
MSB06045
250
1,55
500
3,09
07
MSB07045
200
1,44
500
3,61
08
MSB08045
175
1,44
500
4,12
max 8 poles can be combined
MSB__042
55°, modular
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01042
800
1,03
2000
2,58
02
MSB02042
500
1,29
2000
5,16
03
MSB03042
300
1,16
750
2,90
04
MSB04042
200
1,03
500
2,58
max 4 poles can be combined
MSB__041
55°, modular
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02041
800
1,65
2000
4,12
03
MSB03041
500
1,55
1750
5,41
04
MSB04041
400
1,65
1000
4,12
05
MSB05041
300
1,55
750
3,86
06
MSB06041
250
1,55
500
3,09
07
MSB07041
200
1,44
500
3,61
08
MSB08041
175
1,44
500
4,12
max 8 poles can be combined
wire entry
wire entry
wire entry
wire entry
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com