Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 5 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 5 Page - DB Lectro Inc

  MSB02001 Datasheet HTML 1Page - DB Lectro Inc MSB02001 Datasheet HTML 2Page - DB Lectro Inc MSB02001 Datasheet HTML 3Page - DB Lectro Inc MSB02001 Datasheet HTML 4Page - DB Lectro Inc MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MSB
MSB__096
90°, modular
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01096
800
0,82
2500
2,55
02
MSB02096
500
1,02
2500
5,10
03
MSB03096
300
0,92
1750
5,36
04
MSB04096
200
0,82
1000
4,08
05
MSB05096
150
0,77
750
3,83
06
MSB06096
125
0,77
500
3,06
07
MSB07096
100
0,71
500
3,57
08
MSB08096
100
0,82
500
4,08
09
MSB09096
100
0,92
500
4,59
10
MSB10096
100
1,02
500
5,10
11
MSB11096
100
1,12
250
2,81
12
MSB12096
100
1,22
250
3,06
13
MSB13096
75
0,99
250
3,32
MSB__095
90°, modular
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02095
800
1,42
2500
4,45
03
MSB03095
500
1,34
2500
6,68
04
MSB04095
400
1,42
2000
7,12
05
MSB05095
300
1,34
1750
7,79
06
MSB06095
250
1,34
1500
8,01
07
MSB07095
200
1,25
1000
6,23
08
MSB08095
175
1,25
750
5,34
09
MSB09095
150
1,20
750
6,01
10
MSB10095
125
1,11
500
4,45
11
MSB11095
125
1,22
500
4,90
12
MSB12095
100
1,07
500
5,34
13
MSB13095
100
1,16
500
5,79
14
MSB14095
100
1,25
500
6,23
15
MSB15095
100
1,34
500
6,68
16
MSB16095
100
1,42
500
7,12
17
MSB17095
100
1,51
500
7,57
18
MSB18095
100
1,60
500
8,01
19
MSB19095
100
1,69
500
8,46
20
MSB20095
100
1,78
500
8,90
21
MSB21095
100
1,87
250
4,67
22
MSB22095
100
1,96
250
4,90
23
MSB23095
100
2,05
250
5,12
24
MSB24095
100
2,14
250
5,34
25
MSB25095
75
1,67
250
5,56
MSB__092
90°, modular
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01092
800
0,82
2500
2,55
02
MSB02092
500
1,02
2500
5,10
03
MSB03092
300
0,92
1750
5,36
04
MSB04092
200
0,82
1000
4,08
05
MSB05092
150
0,77
750
3,83
06
MSB06092
125
0,77
500
3,06
07
MSB07092
100
0,71
500
3,57
08
MSB08092
100
0,82
500
4,08
09
MSB09092
100
0,92
500
4,59
10
MSB10092
100
1,02
500
5,10
11
MSB11092
100
1,12
250
2,81
12
MSB12092
100
1,22
250
3,06
13
MSB13092
75
0,99
250
3,32
MSB__091
90°, modular
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02091
800
1,42
2500
4,45
03
MSB03091
500
1,34
2500
6,68
04
MSB04091
400
1,42
2000
7,12
05
MSB05091
300
1,34
1750
7,79
06
MSB06091
250
1,34
1500
8,01
07
MSB07091
200
1,25
1000
6,23
08
MSB08091
175
1,25
750
5,34
09
MSB09091
150
1,20
750
6,01
10
MSB10091
125
1,11
500
4,45
11
MSB11091
125
1,22
500
4,90
12
MSB12091
100
1,07
500
5,34
13
MSB13091
100
1,16
500
5,79
14
MSB14091
100
1,25
500
6,23
15
MSB15091
100
1,34
500
6,68
16
MSB16091
100
1,42
500
7,12
17
MSB17091
100
1,51
500
7,57
18
MSB18091
100
1,60
500
8,01
19
MSB19091
100
1,69
500
8,46
20
MSB20091
100
1,78
500
8,90
21
MSB21091
100
1,87
250
4,67
22
MSB22091
100
1,96
250
4,90
23
MSB23091
100
2,05
250
5,12
24
MSB24091
100
2,14
250
5,34
25
MSB25091
75
1,67
250
5,56
wire entry
wire entry
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)
Modular version, combinable 2 ÷ ∞ poles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com