Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 11 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 11 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc MSB02001 Datasheet HTML 11Page - DB Lectro Inc MSB02001 Datasheet HTML 12Page - DB Lectro Inc MSB02001 Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MSB__T06-0000P
90° “T” version, modular with VDE pegs
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01T06-0000P
800
0,91
3500
3,99
02
MSB02T06-0000P
500
1,14
2250
5,13
03
MSB03T06-0000P
300
1,03
1500
5,13
04
MSB04T06-0000P
200
0,91
1000
4,56
05
MSB05T06-0000P
150
0,86
750
4,28
06
MSB06T06-0000P
125
0,86
750
5,13
07
MSB07T06-0000P
100
0,80
750
5,99
08
MSB08T06-0000P
100
0,91
500
5,56
09
MSB09T06-0000P
100
1,03
500
5,13
10
MSB10T06-0000P
100
1,14
500
5,70
11
MSB11T06-0000P
100
1,25
500
6,27
12
MSB12T06-0000P
100
1,37
500
6,84
13
MSB13T06-0000P
75
1,12
250
3,71
MSB__T05-0000P
90° “T” version, modular with VDE pegs
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02T05-0000P
800
1,47
3500
6,44
03
MSB03T05-0000P
500
1,38
2250
6,21
04
MSB04T05-0000P
400
1,47
2000
7,36
05
MSB05T05-0000P
300
1,38
1500
6,90
06
MSB06T05-0000P
250
1,38
1000
5,52
07
MSB07T05-0000P
200
1,29
1000
6,44
08
MSB08T05-0000P
175
1,29
750
5,52
09
MSB09T05-0000P
150
1,24
750
6,21
10
MSB10T05-0000P
125
1,15
750
6,90
11
MSB11T05-0000P
125
1,27
750
7,59
12
MSB12T05-0000P
100
1,10
750
8,28
13
MSB13T05-0000P
100
1,20
750
8,97
14
MSB14T05-0000P
100
1,29
750
9,66
15
MSB15T05-0000P
100
1,38
500
6,90
16
MSB16T05-0000P
100
1,47
500
7,36
17
MSB17T05-0000P
100
1,56
500
7,82
18
MSB18T05-0000P
100
1,66
500
8,28
19
MSB19T05-0000P
100
1,75
500
8,74
20
MSB20T05-0000P
100
1,84
500
9,20
21
MSB21T05-0000P
100
1,93
500
9,66
22
MSB22T05-0000P
100
2,02
400
8,10
23
MSB23T05-0000P
100
2,12
400
8,46
24
MSB24T05-0000P
100
2,21
400
8,83
25
MSB25T05-0000P
75
1,73
250
5,75
MSB__T02-0000P
90° “T” version, modular with VDE pegs
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01T02-0000P
800
0,91
3500
3,99
02
MSB02T02-0000P
500
1,14
2250
5,13
03
MSB03T02-0000P
300
1,03
1500
5,13
04
MSB04T02-0000P
200
0,91
1000
4,56
05
MSB05T02-0000P
150
0,86
750
4,28
06
MSB06T02-0000P
125
0,86
750
5,13
07
MSB07T02-0000P
100
0,80
750
5,99
08
MSB08T02-0000P
100
0,91
500
5,56
09
MSB09T02-0000P
100
1,03
500
5,13
10
MSB10T02-0000P
100
1,14
500
5,70
11
MSB11T02-0000P
100
1,25
500
6,27
12
MSB12T02-0000P
100
1,37
500
6,84
13
MSB13T02-0000P
75
1,12
250
3,71
MSB__T01-0000P
90° “T” version, modular with VDE pegs
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02T01-0000P
800
1,47
3500
6,44
03
MSB03T01-0000P
500
1,38
2250
6,21
04
MSB04T01-0000P
400
1,47
2000
7,36
05
MSB05T01-0000P
300
1,38
1500
6,90
06
MSB06T01-0000P
250
1,38
1000
5,52
07
MSB07T01-0000P
200
1,29
1000
6,44
08
MSB08T01-0000P
175
1,29
750
5,52
09
MSB09T01-0000P
150
1,24
750
6,21
10
MSB10T01-0000P
125
1,15
750
6,90
11
MSB11T01-0000P
125
1,27
750
7,59
12
MSB12T01-0000P
100
1,10
750
8,28
13
MSB13T01-0000P
100
1,20
750
8,97
14
MSB14T01-0000P
100
1,29
750
9,66
15
MSB15T01-0000P
100
1,38
500
6,90
16
MSB16T01-0000P
100
1,47
500
7,36
17
MSB17T01-0000P
100
1,56
500
7,82
18
MSB18T01-0000P
100
1,66
500
8,28
19
MSB19T01-0000P
100
1,75
500
8,74
20
MSB20T01-0000P
100
1,84
500
9,20
21
MSB21T01-0000P
100
1,93
500
9,66
22
MSB22T01-0000P
100
2,02
400
8,10
23
MSB23T01-0000P
100
2,12
400
8,46
24
MSB24T01-0000P
100
2,21
400
8,83
25
MSB25T01-0000P
75
1,73
250
5,75
wire entry
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)
MSB
Modular version, combinable 2 ÷ ∞ poles
wire entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com