Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 10 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 10 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc MSB02001 Datasheet HTML 11Page - DB Lectro Inc MSB02001 Datasheet HTML 12Page - DB Lectro Inc MSB02001 Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
*W [kg]: approximate weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSB
MSB__006 - 0000P
straight, modular with VDE pegs
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02006-0000P
500
1,02
2500
5,1
03
MSB03006-0000P
300
0,92
1750
5,36
MSB__005-0000P
straight, modular with VDE pegs
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02005-0000P
800
1,42
2500
4,45
03
MSB03005-0000P
500
1,34
2500
6,68
MSB__002-0000P
straight, modular with VDE pegs
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02002-0000P
500
1.02
2500
5,1
03
MSB03002-0000P
300
0,92
1750
5,36
MSB__001-0000P
straight, modular with VDE pegs
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02001-0000P
800
1,42
2500
4,45
03
MSB03001-0000P
500
1,34
2500
6,68
wire entry
wire entry
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com