Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 9 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 9 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc MSB02001 Datasheet HTML 11Page - DB Lectro Inc MSB02001 Datasheet HTML 12Page - DB Lectro Inc MSB02001 Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MSB
Modular version, combinable 2 ÷ ∞ poles
MSB__TA6
90° “T” version, side stackable
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA6
500
1,14
2250
5,13
03
MSB03TA6
300
1,03
1500
5,13
04
MSB04TA6
200
0,91
1000
4,56
05
MSB05TA6
150
0,86
750
4,28
06
MSB06TA6
125
0,86
750
5,13
07
MSB07TA6
100
0,80
750
5,99
08
MSB08TA6
100
0,91
500
5,56
09
MSB09TA6
100
1,03
500
5,13
10
MSB10TA6
100
1,14
500
5,70
11
MSB11TA6
100
1,25
500
6,27
12
MSB12TA6
75
1,03
500
6,84
13
MSB13TA6
75
1,12
250
3,71
MSB__TA5
90° “T” version, side stackable
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA5
800
1,47
3500
6,44
03
MSB03TA5
500
1,38
2250
6,21
04
MSB04TA5
400
1,47
2000
7,36
05
MSB05TA5
300
1,38
1500
6,90
06
MSB06TA5
250
1,38
1000
5,52
07
MSB07TA5
200
1,29
1000
6,44
08
MSB08TA5
175
1,29
750
5,52
09
MSB09TA5
150
1,24
750
6,21
10
MSB10TA5
125
1,15
750
6,90
11
MSB11TA5
125
1,27
750
7,59
12
MSB12TA5
100
1,10
750
8,28
13
MSB13TA5
100
1,20
750
8,97
14
MSB14TA5
100
1,29
750
9,66
15
MSB15TA5
100
1,38
500
6,90
16
MSB16TA5
100
1,47
500
7,36
17
MSB17TA5
100
1,56
500
7,82
18
MSB18TA5
100
1,66
500
8,28
19
MSB19TA5
100
1,75
500
8,74
20
MSB20TA5
100
1,84
500
9,20
21
MSB21TA5
100
1,93
500
9,66
22
MSB22TA5
100
2,02
400
8,10
23
MSB23TA5
100
2,12
400
8,46
24
MSB24TA5
100
2,21
400
8,83
25
MSB25TA5
75
1,73
250
5,75
MSB__TA2
90° “T” version, side stackable
10 mm / .276” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA2
500
1,14
2250
5,13
03
MSB03TA2
300
1,03
1500
5,13
04
MSB04TA2
200
0,91
1000
4,56
05
MSB05TA2
150
0,86
750
4,28
06
MSB06TA2
125
0,86
750
5,13
07
MSB07TA2
100
0,80
750
5,99
08
MSB08TA2
100
0,91
500
5,56
09
MSB09TA2
100
1,03
500
5,13
10
MSB10TA2
100
1,14
500
5,70
11
MSB11TA2
100
1,25
500
6,27
12
MSB12TA2
75
1,03
500
6,84
13
MSB13TA2
75
1,12
250
3,71
MSB__TA1
90° “T” version, side stackable
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02TA1
800
1,47
3500
6,44
03
MSB03TA1
500
1,38
2250
6,21
04
MSB04TA1
400
1,47
2000
7,36
05
MSB05TA1
300
1,38
1500
6,90
06
MSB06TA1
250
1,38
1000
5,52
07
MSB07TA1
200
1,29
1000
6,44
08
MSB08TA1
175
1,29
750
5,52
09
MSB09TA1
150
1,24
750
6,21
10
MSB10TA1
125
1,15
750
6,90
11
MSB11TA1
125
1,27
750
7,59
12
MSB12TA1
100
1,10
750
8,28
13
MSB13TA1
100
1,20
750
8,97
14
MSB14TA1
100
1,29
750
9,66
15
MSB15TA1
100
1,38
500
6,90
16
MSB16TA1
100
1,47
500
7,36
17
MSB17TA1
100
1,56
500
7,82
18
MSB18TA1
100
1,66
500
8,28
19
MSB19TA1
100
1,75
500
8,74
20
MSB20TA1
100
1,84
500
9,20
21
MSB21TA1
100
1,93
500
9,66
22
MSB22TA1
100
2,02
400
8,10
23
MSB23TA1
100
2,12
400
8,46
24
MSB24TA1
100
2,21
400
8,83
25
MSB25TA1
75
1,73
250
5,75
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com