Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 4 Page - DB Lectro Inc

  MSB02001 Datasheet HTML 1Page - DB Lectro Inc MSB02001 Datasheet HTML 2Page - DB Lectro Inc MSB02001 Datasheet HTML 3Page - DB Lectro Inc MSB02001 Datasheet HTML 4Page - DB Lectro Inc MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
*W [kg]: approximate weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSB
MSB__006
straight, modular
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01006
800
0,82
2500
2,55
02
MSB02006
500
1,02
2500
5,10
03
MSB03006
300
0,92
1750
5,36
04
MSB04006
200
0,82
1000
4,08
05
MSB05006
150
0,77
750
3,83
06
MSB06006
125
0,77
500
3,06
07
MSB07006
100
0,71
500
3,57
08
MSB08006
100
0,82
500
4,08
09
MSB09006
100
0,92
500
4,59
10
MSB10006
100
1,02
500
5,10
11
MSB11006
100
1,12
250
2,81
12
MSB12006
100
1,22
250
3,06
13
MSB13006
75
0,99
250
3,32
MSB__005
straight, modular
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02005
800
1,42
2500
4,45
03
MSB03005
500
1,34
2500
6,68
04
MSB04005
400
1,42
2000
7,12
05
MSB05005
300
1,34
1750
7,79
06
MSB06005
250
1,34
1500
8,01
07
MSB07005
200
1,25
1000
6,23
08
MSB08005
175
1,25
750
5,34
09
MSB09005
150
1,20
750
6,01
10
MSB10005
125
1,11
500
4,45
11
MSB11005
125
1,22
500
4,90
12
MSB12005
100
1,07
500
5,34
13
MSB13005
100
1,16
500
5,79
14
MSB14005
100
1,25
500
6,23
15
MSB15005
100
1,34
500
6,68
16
MSB16005
100
1,42
500
7,12
17
MSB17005
100
1,51
500
7,57
18
MSB18005
100
1,60
500
8,01
19
MSB19005
100
1,69
500
8,46
20
MSB20005
100
1,78
500
8,90
21
MSB21005
100
1,87
250
4,67
22
MSB22005
100
1,96
250
4,90
23
MSB23005
100
2,05
250
5,12
24
MSB24005
100
2,14
250
5,34
25
MSB25005
75
1,67
250
5,56
MSB__002
straight, modular
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01002
800
0,82
2500
2,55
02
MSB02002
500
1,02
2500
5,10
03
MSB03002
300
0,92
1750
5,36
04
MSB04002
200
0,82
1000
4,08
05
MSB05002
150
0,77
750
3,83
06
MSB06002
125
0,77
500
3,06
07
MSB07002
100
0,71
500
3,57
08
MSB08002
100
0,82
500
4,08
09
MSB09002
100
0,92
500
4,59
10
MSB10002
100
1,02
500
5,10
11
MSB11002
100
1,12
250
2,81
12
MSB12002
100
1,22
250
3,06
13
MSB13002
75
0,99
250
3,32
MSB__001
straight, modular
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02001
800
1,42
2500
4,45
03
MSB03001
500
1,34
2500
6,68
04
MSB04001
400
1,42
2000
7,12
05
MSB05001
300
1,34
1750
7,79
06
MSB06001
250
1,34
1500
8,01
07
MSB07001
200
1,25
1000
6,23
08
MSB08001
175
1,25
750
5,34
09
MSB09001
150
1,20
750
6,01
10
MSB10001
125
1,11
500
4,45
11
MSB11001
125
1,22
500
4,90
12
MSB12001
100
1,07
500
5,34
13
MSB13001
100
1,16
500
5,79
14
MSB14001
100
1,25
500
6,23
15
MSB15001
100
1,34
500
6,68
16
MSB16001
100
1,42
500
7,12
17
MSB17001
100
1,51
500
7,57
18
MSB18001
100
1,60
500
8,01
19
MSB19001
100
1,69
500
8,46
20
MSB20001
100
1,78
500
8,90
21
MSB21001
100
1,87
250
4,67
22
MSB22001
100
1,96
250
4,90
23
MSB23001
100
2,05
250
5,12
24
MSB24001
100
2,14
250
5,34
25
MSB25001
75
1,67
250
5,56
wire entry
wire entry
wire entry
wire entry
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)
L = pitch x (poles - 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com