Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB02001 Datasheet(PDF) 7 Page - DB Lectro Inc

Part # MSB02001
Description  Functional characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSB02001 Datasheet(HTML) 7 Page - DB Lectro Inc

Back Button MSB02001 Datasheet HTML 3Page - DB Lectro Inc MSB02001 Datasheet HTML 4Page - DB Lectro Inc MSB02001 Datasheet HTML 5Page - DB Lectro Inc MSB02001 Datasheet HTML 6Page - DB Lectro Inc MSB02001 Datasheet HTML 7Page - DB Lectro Inc MSB02001 Datasheet HTML 8Page - DB Lectro Inc MSB02001 Datasheet HTML 9Page - DB Lectro Inc MSB02001 Datasheet HTML 10Page - DB Lectro Inc MSB02001 Datasheet HTML 11Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MSB
MSB__066
55°, side stackable
10.16 mm / .400” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01066
800
1,03
2000
2,58
02
MSB02066
500
1,29
2000
5,16
03
MSB03066
300
1,16
750
2,90
04
MSB04066
200
1,03
500
2,58
MSB__065
55°, side stackable
5.08 mm / .200” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02065
800
1,65
2000
4,12
03
MSB03065
500
1,55
1750
5,41
04
MSB04065
400
1,65
1000
4,12
05
MSB05065
300
1,55
750
3,86
06
MSB06065
250
1,55
500
3,09
07
MSB07065
200
1,44
500
3,61
08
MSB08065
175
1,44
500
4,12
MSB__062
55°, side stackable
10 mm / .394” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
01
MSB01062
800
1,03
2000
2,58
02
MSB02062
500
1,29
2000
5,16
03
MSB03062
300
1,16
750
2,90
04
MSB04062
200
1,03
500
2,58
05
MSB05062
125
0,81
500
3,23
MSB__061
55°, side stackable
5 mm / .197” pitch
Poles
Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSB02061
800
1,65
2000
4,12
03
MSB03061
500
1,55
1750
5,41
04
MSB04061
400
1,65
1000
4,12
05
MSB05061
300
1,55
750
3,86
06
MSB06061
250
1,55
500
3,09
07
MSB07061
200
1,44
500
3,61
08
MSB08061
175
1,44
500
4,12
wire entry
wire entry
wire entry
wire entry
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
L
= pitch x (poles - 1)
Modular version, combinable 2 ÷ ∞ poles
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com