Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 23Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 24Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 25Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 26Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 27Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 28Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 29Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 30Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 192 page
background image
Lucent Technologies Inc.
27
Data Sheet
June 1999
ORCA Series 2 FPGAs
Programmable Input/Output Cells
(continued)
Regardless of the power supply that the VDD5 pins are
connected to (5 V or 3.3 V), the OR2TxxA devices will
drive the pin to the 3.3 V levels when the output buffer
is enabled. If the other device being driven by the
OR2TxxA device has TTL-compatible inputs, then the
device will not dissipate much input buffer power. This
is because the OR2TxxA output is being driven to a
higher level than the TTL level required. If the other
device has a CMOS-compatible input, the amount of
input buffer power will also be small. Both of these
power values are dependent upon the input buffer char-
acteristics of the other device when driven at the
OR2TxxA output buffer voltage levels.
The 2TxxA device has internal programmable pull-ups
on the I/O buffers. These pull-up voltages are always
referenced to VDD. This means that the VDD5 voltage
has no effect on the value of the pull-up voltage at the
pad. This voltage level is always sufficient to pull the
input buffer of the 2TxxA device to a high state. The pin
on the 2TxxA device will be at a level 1.0 V below VDD
(minimum of 2.0 V with a minimum VDD of 3.0 V). This
voltage is sufficient to pull the external pin up to a 3.3 V
CMOS high-input level (1.8 V min) or a TTL high-input
level (2.0 V min) in a 5 V tolerant system, but it will
never pull the pad up to the VDD5 rail. Therefore, in a
5 V tolerant system using 5 V CMOS parts, care must
be taken to evaluate the use of these pull-ups to pull
the pin of the 2TxxA device to a typical 5 V CMOS
high-input level (2.2 V min).
For more information on 5 V tolerant I/Os, please see
ORCA®
Series 5 V Tolerant I/Os Application Note
(AP99-027FPGA), May 1999.
5 V Tolerant I/O (OR2TxxB)
The I/O on the OR2TxxB Series devices allow intercon-
nection to both 3.3 V and 5 V device (selectable on a
per-pin basis). Unlike the OR2TxxA family, when inter-
faceing into a 5 V signal, it no longer requires a VDD5
supply.
The OR2TxxB devices will drive the pin to the 3.3 V lev-
els when the output buffer is enabled. If the other
device being driven by the OR2TxxB device has TTL-
compatible inputs, then the device will not dissipate
much input buffer power. This is because the OR2TxxB
output is being driven to a higher level than the TTL
level required. If the other device has a CMOS-compat-
ible input, the amount of input buffer power will also be
small. Both of these power values are dependent upon
the input buffer characteristics of the other device when
driven at the OR2TxxB output buffer voltage levels.
The OR2TxxB device has internal programmable pull-
ups on the I/O buffers. These pull-up voltages are
always referenced to VDD and are always sufficient to
pull the input buffer of the OR2TxxB device to a high
state. The pin on the OR2TxxB device will be at a level
1.0 V below VDD (minimum of 2.0 V with a minimum
VDD of 3.0 V). This voltage is sufficient to pull the exter-
nal pin up to a 3.3 V CMOS high-input level (1.8 V, min)
or a TTL high input level (2.0 V, min) in a 5 V tolerant
system. Therefore, in a 5 V tolerant system using 5 V
CMOS parts, care must be taken to evaluate the use of
these pull-ups to pull the pin of the OR2TxxB device to
a typical 5 V CMOS high-input level (2.2 V, min).
PCI Compliant I/O
The I/O on the OR2TxxB Series devices allows compli-
ance with PCI local bus (Rev. 2.1) 5 V and 3.3 V signal-
ing environments. The signaling environment used for
each input buffer can be selected on a per-pin basis.
The selection provides the appropriate I/O clamping
diodes for PCI compliance.
OR2TxxB devices have 5 V tolerant I/Os as previously
explained, but can optionally be selected on a pin-by-
pin basis to be PCI bus 3.3 V signaling compliant (PCI
bus 5 V signaling compliance occurs in 5 V tolerant
operation mode). Inputs may have a pull-up or pull-
down resistor selected on an input for signal stabiliza-
tion and power management. Input signals in a PIO
can be passed to PIC routing on any of three paths,
two general signal paths into PIC routing, and/or a fast
route into the clock routing system.
OR2TxxA series devices are only compliant in 3.3 V
PCI Local Bus (Rev 2.1) signalling environments.
OR2CxxA devices are only compliant in 5 V PCI Local
Bus (Rev 2.1) signalling environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com