Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 50Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 51Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 52Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 53Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 54Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 55Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 56Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 57Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 192 page
background image
54
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Special Function Blocks (continued)
Boundary Scan
The increasing complexity of integrated circuits (ICs)
and IC packages has increased the difficulty of testing
printed-circuit boards (PCBs). To address this testing
problem, the
IEEE standard 1149.1 - 1990 (IEEE Stan-
dard Test Access Port and Boundary-Scan Architec-
ture) is implemented in the
ORCA series of FPGAs. It
allows users to efficiently test the interconnection
between integrated circuits on a PCB as well as test
the integrated circuit itself. The
IEEE 1149.1 standard
is a well-defined protocol that ensures interoperability
among boundary-scan (BSCAN) equipped devices
from different vendors.
The
IEEE 1149.1 standard defines a test access port
(TAP) that consists of a 4-pin interface with an optional
reset pin for boundary-scan testing of integrated cir-
cuits in a system. The
ORCA series FPGA provides
four interface pins: test data in (TDI), test mode select
(TMS), test clock (TCK), and test data out (TDO). The
PRGM
pin used to reconfigure the device also resets
the boundary-scan logic.
The user test host serially loads test commands and
test data into the FPGA through these pins to drive out-
puts and examine inputs. In the configuration shown in
Figure 47, where boundary scan is used to test ICs,
test data is transmitted serially into TDI of the first
BSCAN device (U1), through TDO/TDI connections
between BSCAN devices (U2 and U3), and out TDO of
the last BSCAN device (U4). In this configuration, the
TMS and TCK signals are routed to all boundary-scan
ICs in parallel so that all boundary-scan components
operate in the same state. In other configurations, mul-
tiple scan paths are used instead of a single ring. When
multiple scan paths are used, each ring is indepen-
dently controlled by its own TMS and TCK signals.
Figure 48 provides a system interface for components
used in the boundary-scan testing of PCBs. The three
major components shown are the test host, boundary-
scan support circuit, and the devices under test
(DUTs). The DUTs shown here are
ORCA Series
FPGAs with dedicated boundary-scan circuitry. The
test host is normally one of the following: automatic test
equipment (ATE), a workstation, a PC, or a micropro-
cessor.
Fig.34.a(F).1C
Key:
BSC = boundary-scan cell, BDC = bidirectional data cell,
and DCC = data control cell.
Figure 47. Printed-Circuit Board with Boundary-
Scan Circuitry
The boundary-scan support circuit shown in Figure 48
is the 497AA Boundary-Scan Master (BSM). The BSM
off-loads tasks from the test host to increase test
throughput. To interface between the test host and the
DUTs, the BSM has a general microprocessor interface
and provides parallel-to-serial/serial-to-parallel conver-
sion, as well as three 8K data buffers.
SCAN
OUT
TDI
TMS
TCK
TDO
U2
SEE ENLARGED VIEW BELOW
PLC
ARRAY
SCAN
IN
TDO TCK TMS TDI
TAPC
BYPASS
REGISTER
INSTRUCTION
REGISTER
BDC
BSC
P_IN
P_OUT
P_TS
SCAN
IN
PT[ij]
ENLARGED VIEW
TDI
TDO
TMS
TCK
U1
TDI
TDO
TMS
TCK
U4
TDI
TDO
TMS
TCK
U3
TDI
TDO
TMS
TCK
net a
net b
net c
s
DCC
SCAN
OUT
DCC
BSC
P_IN
P_OUT
P_TS
SCAN
IN
PB[ij]
BDC
SCAN
OUT
BDC
BSC
P_IN
P_OUT
P_TS
PR[ij]
DCC
SCAN
OUT
BSC
P_IN
P_OUT
P_TS
PL[ij]
SCAN
IN
DCC
BDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com