Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 13Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 14Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 15Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 16Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 17Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 18Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 19Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 20Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 192 page
background image
Lucent Technologies Inc.
17
Data Sheet
June 1999
ORCA Series 2 FPGAs
Programmable Logic Cells (continued)
PLC Routing Resources
Generally, the
ORCA Foundry Development System is
used to automatically route interconnections. Interac-
tive routing with the
ORCA Foundry design editor
(EPIC) is also available for design optimization. To use
EPIC for interactive layout, an understanding of the
routing resources is needed and is provided in this sec-
tion.
The routing resources consist of switching circuitry and
metal interconnect segments. Generally, the metal lines
which carry the signals are designated as routing
nodes (lines). The switching circuitry connects the rout-
ing nodes, providing one or more of three basic func-
tions: signal switching, amplification, and isolation. A
net running from a PFU or PIC output (source) to a
PLC or PIC input (destination) consists of one or more
lines, connected by switching circuitry designated as
configurable interconnect points (CIPs).
The following sections discuss PLC, PIC, and interquad
routing resources. This section discusses the PLC
switching circuitry, intra-PLC routing, inter-PLC routing,
and clock distribution.
Configurable Interconnect Points
The process of connecting lines uses three basic types
of switching circuits: two types of configurable intercon-
nect points (CIPs) and bidirectional buffers (BIDIs). The
basic element in CIPs is one or more pass transistors,
each controlled by a configuration RAM bit. The two
types of CIPs are the mutually exclusive (or multi-
plexed) CIP and the independent CIP.
A mutually exclusive set of CIPs contains two or more
CIPs, only one of which can be on at a time. An inde-
pendent CIP has no such restrictions and can be on
independent of the state of other CIPs. Figure 19
shows an example of both types of CIPs.
f.13(F)
Figure 19. Configurable Interconnect Point
3-Statable Bidirectional Buffers
Bidirectional buffers provide isolation as well as amplifi-
cation for signals routed a long distance. Bidirectional
buffers are also used to drive signals directly onto
either vertical or horizontal XL and XH lines (to be
described later in the inter-PLC routing section). BIDIs
are also used to indirectly route signals through the
switching lines. Any number from zero to eight BIDIs
can be used in a given PLC.
The BIDIs in a PLC are divided into two nibble-wide
sets of four (BIDI and BIDIH). Each of these sets has a
separate BIDI controller that can have an application
net connected to its TRI input, which is used to 3-state
enable the BIDIs. Although only one application net can
be connected to both BIDI controllers, the sense of this
signal (active-high, active-low, or ignored) can be con-
figured independently. Therefore, one set can be used
for driving signals, the other set can be used to create
3-state buses, both sets can be used for 3-state buses,
and so forth.
2
INDEPENDENT CIP
CD
A
B
AB
=
MULTIPLEXED CIP
A
B
C
A
B
C
O
O
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com