Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 41Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 42Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 43Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 44Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 45Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 46Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 47Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 48Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
45
Configuration Data Format (continued)
The data frames for all the Series 2 series devices are given in Table 8. An alignment field is required in the slave
parallel mode for the uncompressed format. The alignment field (shown by [A]) is a series of 0s: five for the
OR2C06A/OR2T06A, OR2C10A/OR2T10A, OR2C15A/OR2T15A/OR2T15B, and OR2C26A/OR2T26A; three for
the OR2C40A/OR2T40A/OR2T40B; and one for the OR2C04A/OR2T04A, OR2C08A/OR2T08A, and OR2C12A/
OR2T12A. The alignment field is not required in any other mode.
Table 8. Configuration Data Frames
5-4530(F)
Figure 39. Serial Configuration Data Format
OR2C04A/OR2T04A
Uncompressed
010 opar epar [addr10:0] [A]1[Data109:0]111
Compressed
011 opar epar [addr10:0] 111
OR2C06A/OR2T06A
Uncompressed
010 opar epar [addr10:0] [A]1[Data129:0]111
Compressed
011 opar epar [addr10:0] 111
OR2C08A/OR2T08A
Uncompressed
010 opar epar [addr10:0] [A]1[Data149:0]111
Compressed
011 opar epar [addr10:0] 111
OR2C10A/OR2T10A
Uncompressed
010 opar epar [addr10:0] [A]1[Data169:0]111
Compressed
011 opar epar [addr10:0] 111
OR2C12A/OR2T12A
Uncompressed
010 opar epar [addr10:0] [A]1[Data189:0]111
Compressed
011 opar epar [addr10:0] 111
OR2C15A/OR2T15A/OR2T15B
Uncompressed
010 opar epar [addr10:0] [A]1[Data209:0]111
Compressed
011 opar epar [addr10:0] 111
OR2C26A/OR2T26A
Uncompressed
010 opar epar [addr10:0] [A]1[Data249:0]111
Compressed
011 opar epar [addr10:0] 111
OR2C40A/OR2T40A/OR2T40B
Uncompressed
010 opar epar [addr10:0] [A]1[Data315:0]111
Compressed
011 opar epar [addr10:0] 111
EIGHT 1s
0010
24-bit
LENGTH
COUNT
POSTAMBLE
LEADING HEADER
DATA FRAMES
FPGA #1
DATA FRAMES
FPGA #2
END OF
CONFIGURATION
FRAME
FPGA #1
END OF
CONFIGURATION
FRAME
FPGA #2
PREAMBLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com