Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 66Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 67Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 68Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 69Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 70Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 71Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 72Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 73Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
70
Lucent Technologies Inc.
Pin Information (continued)
Compatibility with Series 3 FPGAs
Pinouts for the OR2CxxA, OR2TxxA, and OR2TxxB devices will be consistent with the Series 3 FPGAs for all
devices offered in the same packages. This includes the following pins: VDD, VSS, VDD5 (OR3C/Txxx series only),
and all configuration pins. Identical to the OR2TxxB devices, Series 3 devices provide 5 V tolerant I/Os without a
dedicated VDD5 supply
The following restrictions apply:
1. There are two configuration modes supported in the OR2C/TxxA series that are not supported in the
Series 3 FPGAs series: master parallel down and synchronous peripheral modes. The Series 3 FPGAs have two
new microprocessor interface (MPI) configuration modes that are unavailable in the Series 2.
2. There are 4 pins—one per each device side—that are user I/O in the OR2C/TxxA series which can only be used
as fast dedicated clocks or global inputs in the Series 3 series. These pins are also used to drive the Express-
CLK to the I/O FFs on their given side of the device. These four middle ExpressCLK pins should not be used to
connect to a programmable clock manager (PCM). A corner ExpressCLK input should be used instead (see note
below). See Table 18C for a list of these pins in each package.
3. There are two other pins that are user I/O in both the Series 2 and Series 3 series but also have optional added
functionality in the Series 3 series. Each of these pins drives the ExpressCLKs on two sides of the device. They
also have fast connectivity to the programmable clock manager (PCM). See Table 18C for a preliminary list of
these pins in each package.
Note: The ECKR, ECKL, ECKT, and ECKB pins drive the ExpressCLK on their given edge of the device, while I/O—SECKLL and
I/O—SECKUR drive an ExpressCLK on two edges of the device and provide connectivity to the programmable clock manager.
Table 18C. Series 3 ExpressCLK Pins
Pin Name/
Package
208-Pin
SQFP2
240-Pin
SQFP2
256-Pin
PBGA
352-Pin
PBGA
432-Pin
EBGA
600-Pin
EBGA
ECKL
22
26
K3
N2
R29
U33
ECKB
80
91
W11
AE14
AH16
AM18
ECKR
131
152
K18
N23
T2
V2
ECKT
178
207
B11
B14
C15
C17
I/O—SECKLL
49
56
W1
AB4
AG29
AK34
I/O—SECKUR
159
184
A19
A25
D5
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com