Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 14Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 15Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 16Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 17Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 18Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 19Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 20Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 21Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
18
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Programmable Logic Cells (continued)
5-4479p2(F)
Figure 20. 3-Statable Bidirectional Buffers
Intra-PLC Routing
The function of the intra-PLC routing resources is to
connect the PFU’s input and output ports to the routing
resources used for entry to and exit from the PLC.
These are nets for providing PFU feedback, turning
corners, or switching from one type of routing resource
to another.
PFU Input and Output Ports. There are 19 input ports
to each PFU. The PFU input ports are labeled A[4:0],
B[4:0], WD[3:0], C0, CK, LSR, CIN, and CE. The six
output ports are O[4:0] and COUT. These ports corre-
spond to those described in the PFU section.
Switching Lines. There are four sets of switching lines
in each PLC, one in each corner. Each set consists of
five switching elements, labeled SUL[4:0], SUR[4:0],
SLL[4:0], and SLR[4:0], for the upper-left, upper-right,
lower-left, and lower-right sections of the PFUs,
respectively. The switching lines connect to the PFU
inputs and outputs as well as the BIDI and BIDIH lines,
to be described later. They also connect to both the
horizontal and vertical X1 and X4 lines (inter-PLC rout-
ing resources, described below) in their specific corner.
One of the four sets of switching lines can be con-
nected to a set of switching lines in each of the four
adjacent PLCs or PICs. This allows direct routing of up
to five signals without using inter-PLC routing.
BIDI/BIDIH Lines. There are two sets of bidirectional
lines in the PLC, each set consisting of four bidirec-
tional buffers. They are designated BIDI and BIDIH and
have similar functionality. The BIDI lines are used in
conjunction with the XL lines, and the BIDIH lines are
used in conjunction with the XH lines. Each side of the
four BIDIs in the PLC is connected to a BIDI line on the
left (BL[3:0]) and on the right (BR[3:0]). These lines can
be connected to the XL lines through CIPs, with BL[3:0]
connected to the vertical XL lines and BR[3:0] con-
nected to the horizontal XL lines. Both BL[3:0] and
BR[3:0] have CIPs which connect to the switching lines.
Similarly, each side of the four BIDIHs is connected to a
BIDIH line: BLH[3:0] on the left and BRH[3:0] on the
right. These lines can also be connected to the XH
lines through CIPs, with BLH[3:0] connected to the ver-
tical XH lines and BRH[3:0] connected to the horizontal
XH lines. Both BLH[3:0] and BRH[3:0] have CIPs which
connect to the switching lines.
CIPs are also provided to connect the BIDIH and BIDIL
lines together on each side of the BIDIs. For example,
BLH3 can connect to BL3, while BRH3 can connect to
BR3.
RIGHT-LEFT BIDI
LEFT-RIGHT BIDI
UNUSED BIDI
LEFT-RIGHT BIDI
BIDI
CONTROLLER
TRI
RIGHT-LEFT BIDIH
LEFT-RIGHT BIDIH
UNUSED BIDIH
LEFT-RIGHT BIDIH
BIDIH
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com