Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 9Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 10Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 11Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 12Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 13Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 14Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 15Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
12
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Programmable Logic Cells (continued)
Asynchronous Memory Modes—MA and MB
The LUT in the PFU can be configured as either read/
write or read-only memory. A read/write address
(A[3:0], B[3:0]), write data (WD[1:0], WD[3:2]), and two
write-enable (WE) ports are used for memory. In asyn-
chronous memory mode, each HLUT can be used as a
16 x 2 memory. Each HLUT is configured indepen-
dently, allowing functions such as a 16 x 2 memory in
one HLUT and a logic function of five input variables or
less in the other HLUT.
Figure 12 illustrates the use of the LUT for a 16 x 4
memory. When the LUTs are used as memory, there
are independent address, input data, and output data
buses. If the LUT is used as a 16 x 4 read/write mem-
ory, the A[3:0] and B[3:0] ports are address inputs
(A[3:0]). The A4 and B4 ports are write-enable (WE)
signals. The WD[3:0] inputs are the data inputs. The
F[3:0] data outputs can be routed out on the O[4:0]
PFU outputs or to the latch/FF D[3:0] inputs.
5-2757(F).r3
Figure 12. MA/MB Mode—16 x 4 RAM
To increase memory word depth above 16 (e.g., 32 x
4), two or more PLCs can be used. The address and
write data inputs for the two or more PLCs are tied
together (bit by bit), and the data outputs are routed
through the four 3-statable BIDIs available in each PFU
and are then tied together (bit by bit).
The control signal of the 3-statable BIDIs, called a RAM
bank-enable, is created from a decode of upper
address bits. The RAM bank-enable is then used to
enable 4 bits of data from a PLC onto the read data
bus.
The
ORCA Series 2 series also has a new AND func-
tion available for each PFU in RAM mode. The inputs to
this function are the write-enable (WE) signal and the
write-port enable (WPE) signal. The write-enable sig-
nal is A4 for HLUTA and B4 for HLUTB, while the other
input into the AND gates for both HLUTs is the write-
port enable, input on C0 or CIN. Generally, the WPE
input is driven by the same RAM bank-enable signal
that controls the BIDIs in each PFU.
The selection of which RAM bank to write data into
does not require the use of LUTs from other PFUs, as
in previous
ORCA architectures. This reduces the num-
ber of PFUs required for RAMs larger than 16 words in
depth. Note that if either HLUT is in MA/MB mode, then
the same WPE is active for both HLUTs.
To increase the memory’s word size (e.g., 16 x 8), two
or more PLCs are used again. The address, write-
enable, and write-port enable of the PLCs are tied
together (bit by bit), and the data is different for each
PLC. Increasing both the address locations and word
size is done by using a combination of these two tech-
niques.
The LUT can be used simultaneously for both memory
and a combinatorial logic function. Figure 13 shows the
use of a LUT implementing a 16 x 2 RAM (HLUTA) and
any function of up to five input variables (HLUTB).
5-2845(F).a.r1
Figure 13. MA/F5 Mode—16 x 2 Memory and One
Function of Five Input Variables
A3
A3
A2
A1
A0
WD3
A2
A1
A0
WD3
F3
F2
WD2
WD2
WD1
WD0
B3
B2
B1
WD0
B3
B2
B1
F1
F0
B0
B0
WD1
A4
B4
WEA
WEB
HLUTA
HLUTB
WPE
C0
C0
QLUT3
QLUT2
F3
QLUT1
QLUT0
B4
B3
B2
B1
B0
F0
WEA
A3
A2
A1
A0
B4
B3
B2
B1
B0
A4
A3
A2
A1
A0
HLUTA
HLUTB
F2
WD3
WPE
WD3
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com