Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 34Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 35Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 36Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 37Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 38Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 39Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 40Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 41Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 192 page
background image
38
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Clock Distribution Network (continued)
5-4480(F).r3
Figure 34. Primary Clock Distribution
Secondary Clock
There are times when a primary clock is either not
available or not desired, and a secondary clock is
needed. For example:
s
Only one input pad per PIC can be placed on the
clock routing. If a second input pad in a given PIC
requires global signal routing, a secondary clock
route must be used.
s
Since there is only one branch driver in each PLC for
either direction (vertical and horizontal), both clock
lines in a particular row or column (CKL and CKR, for
example) cannot drive a branch. Therefore, two
clocks should not be placed into I/O pads in PICs on
the opposite sides of the same row or column if glo-
bal clocks are to be used.
s
Since the clock lines can only be driven from input
pads, internally generated clocks should use second-
ary clock routing.
Figure 35 illustrates the secondary clock distribution. If
the clock signal originates from either the left or right
side of the FPGA, it can be routed through the TRIDI
buffers in the PIC onto one of the adjacent PLC’s hori-
zontal XL lines. If the clock signal originates from the
top or bottom of the FPGA, the vertical XL lines are
used for routing. In either case, an XL line is used as
the clock spine. In the same manner, if a clock is only
going to be used in one quadrant, the XH lines can be
used as a clock spine. The routing of the clock spine
from the input pads to the VXL (VXH) using the BIDIs
(BIDIHs) is shown in Figure 35, Detail A.
In each PLC, a low-skew connection through a long-
line driver can be used to connect a horizontal XL line
to a vertical XL line or vice versa. As shown in Figure
35, Detail B, this is used to route the branches from the
clock spine. If the clock spine is a vertical XL line, then
the branches are horizontal XL lines and vice versa.
The clock is then routed into each PLC from the XL line
clock branches.
To minimize skew, the PLC clock input for all PLCs
must be connected to the branch XL lines, not the
spine XL line. Even in PLCs where the clock is routed
from the spine to the branches, the clock should be
routed back into the PLC from the clock branch.
If the clock is to drive only a limited number of loads,
the PFUs can be connected directly to the clock spine.
In this case, all flip-flops driven by the clock must be
located in the same row or column.
CKT
CKB
HXL
HCK
R7C8
HCK
DETAIL B
R7C7
HXL
CLOCK
BRANCH
CLOCK
SPINES
PLC R1C8
PLC R18C8
PIC PT8
CLOCK SPINE
CKT
DETAIL A
ABC
D
CLOCK
CLOCK SPINE
SEE DETAIL A
SEE DETAIL B
CLK PIN
BRANCHES
DT
DT
DT
DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com