Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 60Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 61Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 62Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 63Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 64Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 65Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 66Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 67Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 192 page
background image
64
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Estimating Power Dissipation (continued)
OR2T15A Clock Power
P
= [0.34 mW/MHz
+ (0.17 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T15A clock power
≈ 5.9 mW/MHz.
OR2T26A Clock Power
P
= [0.35 mW/MHz
+ (0.19 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T26A clock power
≈ 8.3 mW/MHz.
OR2T40A Clock Power
P
= [0.37 mW/MHz
+ (0.23 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T40A clock power
≈ 12.4 mW/MHz.
The power dissipated in a PIC is the sum of the power
dissipated in the four I/Os in the PIC. This consists of
power dissipated by inputs and ac power dissipated by
outputs. The power dissipated in each I/O depends on
whether it is configured as an input, output, or input/
output. If an I/O is operating as an output, then there is
a power dissipation component for PIN, as well as
POUT. This is because the output feeds back to the
input.
The power dissipated by an input buffer (VIH = VDD –
0.3 V or higher) is estimated as:
PIN = 0.09 mW/MHz
The 5 V tolerant input buffer feature dissipates addi-
tional dc power. The dc power, PTOL, is always dissi-
pated for the OR2TxxA, regardless of the number of
5 V tolerant input buffers used when the VDD5 pins are
connected to a 5 V supply as shown in Table 16. This
power is not dissipated when the VDD5 pins are con-
nected to the 3.3 V supply.
Table 16. dc Power for 5 V Tolerant I/Os for
OR2TxxA deviced
The ac power dissipation from an output or bidirec-
tional is estimated by the following:
POUT = (CL + 8.8 pF) x VDD2 x F Watts
where the unit for CL is farads, and the unit for F is Hz.
As an example of estimating power dissipation,
suppose that a fully utilized OR2T15A has an average
of three outputs for each of the 400 PFUs, that all
20 clock branches are used, that 150 of the 400 PFUs
have FFs clocked at 40 MHz (16 of which are operating
in a synchronous memory mode), and that the PFU
outputs have an average activity factor of 20%.
Twenty inputs, 32 outputs driving 30 pF loads, and
16 bidirectional I/Os driving 50 pF loads are also gen-
erated from the 40 MHz clock with an average activity
factor of 20%. The worst-case (VDD = 3.6 V) power dis-
sipation is estimated as follows:
PPFU = 400 x 3 (0.08 mW/MHz x 20 MHz x 20%)
= 384 mW
PCLK = [0.34 mW/MHz + (0.17 mW/MHz – Branch)
(20 Branches)
+ (0.01 mW/MHz – PFU) (150 PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(16 SMEM_PFUs)] [40 MHz]
= 212 mW
PIN
= 20 x [0.09 mW/MHz x 20 MHz x 20%]
= 7 mW
PTOL
= 3.4 mW
POUT = 30 x [(30 pF + 8.8 pF) x (3.6)2 x 20 MHz
x 20%]
= 60 mW
PBID
= 16 x [(50 pF + 8.8 pF) x (3.6)2 x 20 MHz
x 20%]
= 49 mW
TOTAL
= 0.72 W
Device
PTOL (VDD5 = 5.25 V)
2T04A
1.7 mW
2T06A
2.0 mW
2T08A
2.4 mW
2T10A
2.7 mW
2T12A
3.0 mW
2T15A
3.4 mW
2T26A
4.0 mW
2T40A
5.0 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com