Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 59Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 60Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 61Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 62Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 63Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 64Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 65Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 66Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 192 page
background image
Lucent Technologies Inc.
63
Data Sheet
June 1999
ORCA Series 2 FPGAs
Estimating Power Dissipation (continued)
PCLK
= [0.69 mW/MHz + (0.38 mW/MHz – Branch)
(20 Branches)
+ (0.022 mW/MHz – PFU) (150 PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(16 SMEM_PFUs)] [40 MHz]
= 427 mW
PTTL
= 20 x [2.2 mW + (0.17 mW/MHz x 20 MHz
x 20%)]
= 57 mW
PCMOS = 20 x [0.17 mW x 20 MHz x 20%]
= 13 mW
POUT = 30 x [(30 pF + 8.8 pF) x (5.25)2 x 20 MHz
x 20%]
=128 mW
PBID
= 16 x [(50 pF + 8.8 pF) x (5.25)2 x 20 MHz
x 20%]
= 104 mW
TOTAL
= 1.50 W
OR2TxxA
The total operating power dissipated is estimated by
summing the standby (IDDSB), internal, and external
power dissipated. The internal and external power is
the power consumed in the PLCs and PICs, respec-
tively. In general, the standby power is small and may
be neglected. The total operating power is as follows:
PT =
Σ PPLC + Σ PPIC
The internal operating power is made up of two parts:
clock generation and PFU output power. The PFU out-
put power can be estimated based upon the number of
PFU outputs switching when driving an average fan-out
of two:
PPFU = 0.08 mW/MHz
For each PFU output that switches, 0.08 mW/MHz
needs to be multiplied times the frequency (in MHz)
that the output switches. Generally, this can be esti-
mated by using one-half the clock rate, multiplied by
some activity factor; for example, 20%.
The power dissipated by the clock generation circuitry
is based upon four parts: the fixed clock power, the
power/clock branch row or column, the clock power dis-
sipated in each PFU that uses this particular clock, and
the power from the subset of those PFUs that is config-
ured in either of the two synchronous modes (SSPM or
SDPM). Therefore, the clock power can be calculated
for the four parts using the following equations:
OR2T04A Clock Power
P
= [0.29 mW/MHz
+ (0.10 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T04A clock power
≈ 1.8 mW/MHz.
OR2T06A Clock Power
P
= [0.30 mW/MHz
+ (0.11 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T06A clock power
≈ 2.4 mW/MHz.
OR2T08A Clock Power
P
= [0.31 mW/MHz
+ (0.12 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T08A clock power
≈ 3.2 mW/MHz.
OR2T10A Clock Power
P
= [0.32 mW/MHz
+ (0.14 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T10A clock power
≈ 4.0 mW/MHz.
OR2T12A Clock Power
P
= [0.33 mW/MHz
+ (0.15 mW/MHz – Branch) (# Branches)
+ (0.01 mW/MHz – PFU) (# PFUs)
+ (0.003 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2T12A clock power
≈ 4.9 mW/MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com