Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 15Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 16Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 17Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 18Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 19Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 20Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 21Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 22Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
Lucent Technologies Inc.
19
Data Sheet
June 1999
ORCA Series 2 FPGAs
Programmable Logic Cells (continued)
Inter-PLC Routing Resources
The inter-PLC routing is used to route signals between
PLCs. The lines occur in groups of four, and differ in the
numbers of PLCs spanned. The X1 lines span one
PLC, the X4 lines span four PLCs, the XH lines span
one-half the width (height) of the PLC array, and the XL
lines span the width (height) of the PLC array. All types
of lines run in both horizontal and vertical directions.
Table 5 shows the groups of inter-PLC lines in each
PLC. In the table, there are two rows/columns each for
X1 and X4 lines. In the design editor, the horizontal X1
and X4 lines are located above and below the PFU.
Similarly, the vertical segments are located on each
side. The XL and XH lines only run below and to the left
of the PFU. The indexes specify individual lines within a
group. For example, the VX4[2] line runs vertically to
the left of the PFU, spans four PLCs, and is the third
line in the 4-bit wide bus.
Table 5. Inter-PLC Routing Resources
Figure 21 shows the inter-PLC routing within one PLC.
Figure 22 provides a global view of inter-PLC routing
resources across multiple PLCs.
5-4528(F)
Figure 21. Single PLC View of Inter-PLC Lines
X1 Lines. There are a total of 16 X1 lines per PLC:
eight vertical and eight horizontal. Each of these is sub-
divided into nibble-wide buses: HX1[3:0], HX1[7:4],
VX1[3:0], and VX1[7:4]. An X1 line is one PLC long.
If a net is longer than one PLC, an X1 line can be
lengthened to n times its length by turning on n – 1
CIPs. A signal is routed onto an X1 line via the switch-
ing lines.
X4 Lines. There are four sets of four X4 lines, for a
total of 16 X4 lines per PLC. They are HX4[3:0],
HX4[7:4], VX4[3:0], and VX4[7:4]. Each set of X4 lines
is twisted each time it passes through a PLC, and one
of the four is broken with a CIP. This allows a signal to
be routed for a length of four cells in any direction on a
single line without additional CIPs. The X4 lines can be
used to route any nets that require minimum delay. A
longer net is routed by connecting two X4 lines
together by a CIP. The X4 lines are accessed via the
switching lines.
Horizontal
Lines
Vertical
Lines
Distance
Spanned
HX1[3:0]
VX1[3:0]
One PLC
HX1[7:4]
VX1[7:4]
One PLC
HX4[3:0]
VX4[3:0]
Four PLCs
HX4[7:4]
VX4[7:4]
Four PLCs
HXL[3:0]
VXL[3:0]
PLC Array
HXH[3:0]
VXH[3:0]
1/2 PLC Array
CKL, CKR
CKT, CKB
PLC Array
PROGRAMMABLE
FUNCTION UNIT
DIRECT[4:0]
HX4[7:4]
HX1[7:4]
DIRECT[4:0]
HXH[3:0]
HX1[3:0]
DIRECT[4:0]
DIRECT[4:0]
HX4[3:0]
HXL[3:0]
CKL, CKR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com