Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 10Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 11Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 12Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 13Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 14Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 15Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 16Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 17Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
14
Lucent Technologies Inc.
Programmable Logic Cells (continued)
Note: The lower address bits are not shown.
Figure 16. Synchronous RAM with Write-Port Enable (WPE)
UPPER
ADDRESS
BITS
ADDRESS
DECODE
LUT1
BANK_EN1
UPPER
ADDRESS
BITS
ADDRESS
DECODE
LUT2
BANK_EN2
WR
DI
WPE
DO
16 x 4 RAM +
4 BUFFERS/PFU
BIDI
DOUT
4
WR
DI
WPE
DO
16 x 4 RAM +
4 BUFFERS/PFU
DIN
WR
CLK
4
BIDI
4
4
5-4640(F)
To increase memory word depth above 16 (e.g., 32 x
4), two or more PLCs can be used. The address and
write data inputs for the two or more PLCs are tied
together (bit by bit), and the data outputs are routed
through the four 3-statable BIDIs available in each
PFU. The BIDI outputs are then tied together (bit by
bit), as seen in Figure 16.
The control signals of the 3-statable BIDIs, called RAM
bank-enable (BANK_EN1 and BANK_EN2), are cre-
ated from a decode of upper address bits. The RAM
bank-enable is then used to enable 4 bits of data from
a PLC onto the read data (DOUT) bus.
The Series 2 series now has a new AND function avail-
able for each PFU in RAM mode. The inputs to this
function are the write-enable (WE) signal and the write-
port enable (WPE) signal. The write-enable signal is
input on A4, while the write-port enable is input on C0
or CIN. Generally, the WPE input is driven by the same
RAM bank-enable signal that controls the BIDIs in each
PFU.
The selection as to which RAM bank to write data into
does not require the use of LUTs from other PFUs, as
in previous
ORCA architectures. This reduces the num-
ber of PFUs required for RAMs larger than 16 words in
depth.
A special use of this method can be to increase word
depth to 32 words. Since both the WPE input into the
RAM and the 3-state input into the BIDI can be
inverted, a decode of the one upper address bit is not
required. Instead, the bank-enable signal for both
banks is tied to the upper address bit, with the WPE
and 3-state inputs active-high for one bank and active-
low for the other.
To increase the memory’s word size (e.g., 16 x 8), two
or more PLCs are used again. The address, write-
enable, and write-port enable of the PLCs are tied
together (bit by bit), and the data is different for each
PLC. Increasing both the address locations and word
size is accomplished by using a combination of these
two techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com