Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 146 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 146 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 142Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 143Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 144Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 145Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 146Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 147Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 148Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 149Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 150Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
146
Lucent Technologies Inc.
1. Readback of the configuration bit stream when simultaneously writing to a PFU in either SSPM fast mode or SDPM fast mode is not allowed.
2. Because the setup time of data into the latches/FFs is less than 0 ns, data written into the RAM can be loaded into a latch/FF in the same
PFU on the next opposite clock edge (one-half clock period).
Note: Speed grades of -5, -6, and -7 are for OR2TxxA devices only.
5-4621(F).a
Figure 60. Synchronous Memory Write Characteristics
Write Operation Setup Time:
Address to Clock (A[3:0]/B[3:0] to CK)
Data to Clock (WD[3:0] to CK)
Write Enable (WREN) to Clock
(A4 to CK)
Write-port Enable (WPE) to Clock
(C0 to CK)
MEMS_ASET
MEMS_DSET
MEMS_WRSET
MEMS_PWRSET
0.0
0.0
0.0
0.0
—
—
—
—
0.0
0.0
0.0
0.0
—
—
—
—
ns
ns
ns
ns
Write Operation Hold Time:
Address to Clock (A[3:0]/B[3:0] to CK)
Data to Clock (WD[3:0] to CK)
Write Enable (WREN) to Clock
(A4 to CK)
Write-port Enable (WPE) to Clock
(C0 to CK)
MEMS_AHLD
MEMS_DHLD
MEMS_WRHLD
MEMS_PWRHLD
1.0
1.0
1.0
0.7
—
—
—
—
0.8
0.8
0.8
0.6
—
—
—
—
ns
ns
ns
ns
Table 39.B OR2TxxB Synchronous Memory Write Characteristics (SSPM and SDPM Modes) (continued)
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85°C.
Parameter
Symbol
Speed
Unit
-7
-8
Min
Max
Min
Max
CK
F[3:0]
A[3:0], B[3:0]
WD[3:0]
MEMS_ASET
A4 (WREN)
MEMS_AHLD
MEMS_DSET
MEMS_DHLD
MEMS_WRSET
MEMS_WRHLD
MEMS_PWRSET
MEMS_PWRHLD
C0 (WPE)
TFSCH/TSCH
TFSCL/TSCL
FMEMS_DEL/MEMS_DEL
Timing Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com