Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 172 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 172 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 168Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 169Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 170Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 171Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 172Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 173Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 174Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 175Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 176Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 192 page
background image
Lucent Technologies Inc.
172
Data Sheet
June 1999
ORCA Series 2 FPGAs
Output Buffer Characteristics (continued)
OR2TxxB
5-7927(F).r1
Figure 89. Sinklim (TJ = 25 °C, VDD = 3.3 V)
5-7928(F).r1
Figure 90. Slewlim (TJ = 25 °C, VDD = 3.3 V)
5-7929(F).r1
Figure 91. Fast (TJ = 25 °C, VDD = 3.3 V)
5-7930(F).r1
Figure 92. Sinklim (TJ = 125 °C, VDD = 3.0 V)
5-7931(F).r1
Figure 93. Slewlim (TJ = 125 °C, VDD = 3.0 V)
5-7932(F).r1
Figure 94. Fast (TJ = 125 °C, VDD = 3.0 V)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
90
80
IOL
60
50
40
30
20
10
0
OUTPUT VOLTAGE, VO (V)
IOH
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
180
160
140
120
100
80
60
40
20
0
OUTPUT VOLTAGE, VO (V)
IOL
IOH
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
180
160
140
120
100
80
60
40
20
0
OUTPUT VOLTAGE, VO (V)
IOL
IOH
0.0
0.5
1.0
1.5
2.0
2.5
3.0
55
50
40
30
25
20
15
10
05
0
OUTPUT VOLTAGE, VO (V)
45
35
IOL
IOH
0.0
0.5
1.0
1.5
2.0
2.5
3.0
110
100
80
60
50
40
30
20
10
0
OUTPUT VOLTAGE, VO (V)
90
70
IOL
IOH
0.0
0.5
1.0
1.5
2.0
2.5
3.0
110
100
80
60
50
40
30
20
10
0
OUTPUT VOLTAGE, VO (V)
90
70
IOL
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com