Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 8Page - STMicroelectronics TDA7407D Datasheet HTML 9Page - STMicroelectronics TDA7407D Datasheet HTML 10Page - STMicroelectronics TDA7407D Datasheet HTML 11Page - STMicroelectronics TDA7407D Datasheet HTML 12Page - STMicroelectronics TDA7407D Datasheet HTML 13Page - STMicroelectronics TDA7407D Datasheet HTML 14Page - STMicroelectronics TDA7407D Datasheet HTML 15Page - STMicroelectronics TDA7407D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7407D
12/34
6
MULTIPATH DETECTOR
■ Internal 19kHz band pass filter
■ Programmable band pass and rectifier gain
■ two pin solution fully independent usable for external programming
■ selectable internal influence on Stereoblend
Table 10. Quality Detector
6.1
DESCRIPTION OF THE AUDIOPROCESSORPART
6.1.1 Input Multiplexer
■ CD quasi differential
■ Cassette stereo
■ Phone inverting
■ AM mono
■ Stereodecoder input.
6.1.2 Input stages
Most of the input stages have remained the same as in preceeding ST audioprocessors with exception of
the CD inputs (see figure 8).In the meantime there are some CD players in the market having a significant
high source impedance which affects strongly the common-mode rejection of the normal differential input
stage. The additional buffer of the CD input avoids this drawback and offers the full common-mode rejec-
Table 9. ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fCMP
Center Frequency of Multipath-
Bandpass
stereodecoder locked on
Pilottono
19
KHz
GBPMP
Bandpass Gain
bits D2, D1 configuration byte = 00
6dB
bits D2, D1 configuration byte = 10
12
dB
bits D2, D1 configuration byte = 01
16
dB
bits D2, D1 configuration byte = 11
18
dB
GRECTMP Rectifier Gain
bits D7, D6 configuration byte = 00
7.6
dB
bits D7, D6 configuration byte = 01
4.6
dB
bits D7, D6 configuration byte = 10
0dB
bits D7, D6 configuration byte = 11
off
dB
ICHMP
Rectifier Charge Current
bit D5 configuration byte = 0
0.5
µA
bit D5 configuration byte = 1
1.0
µA
IDISMP
Rectifier Discharge Current
0.5
1
1.5
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
A
Multipath Influence Factor
Addr. 12 / Bit 5+6
00
01
10
11
0.7
0.85
1.00
1.15
dB
dB
dB
dB
B
Noise Influence Factor
Addr. 16 / Bit 1+2
00
01
10
11
15
12
9
6
dB
dB
dB
dB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com