Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7407D Datasheet HTML 1Page - STMicroelectronics TDA7407D Datasheet HTML 2Page - STMicroelectronics TDA7407D Datasheet HTML 3Page - STMicroelectronics TDA7407D Datasheet HTML 4Page - STMicroelectronics TDA7407D Datasheet HTML 5Page - STMicroelectronics TDA7407D Datasheet HTML 6Page - STMicroelectronics TDA7407D Datasheet HTML 7Page - STMicroelectronics TDA7407D Datasheet HTML 8Page - STMicroelectronics TDA7407D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7407D
2/34
Table 2. ABSOLUTE MAXIMUM RATINGS
Table 3. SUPPLY
3ESD
All pins are protected against ESD according to the MIL883 standard.
Figure 3. PIN CONNECTION (Top view)
Table 4. THERMAL DATA
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature Range
-40 to 85
°C
Tstg
Operating Storage Temperature Range
-55 to 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7.5
9
10
V
IS
Supply Current
VS = 9V
30
35
40
mA
SVRR
Ripple Rejection @ 1KHz
Audioprocessor (all filters flat)
50
60
dB
Stereodecoder + Audioprocessor
45
55
dB
Symbol
Parameter
Value
Unit
Rth-j pins
Thermal Resistance Junction to pins
Max
85
°C/W
VREF
CREF
CassL
CassR
CDR
CDL
CDGND
Ph
AFS
SDA
GND
VDD
OUT LR
OUT RR
OUT RF
OUT LF
ACOUTR
ACOUTL
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
AM
SCL
pincon_TDA7407d
MPX
LEVEL
MPIN
MUX R
QUAL
SMUTE
11
12
13
18
16
17
15
14
MPOUT
MUX L
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com