Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 15Page - STMicroelectronics TDA7407D Datasheet HTML 16Page - STMicroelectronics TDA7407D Datasheet HTML 17Page - STMicroelectronics TDA7407D Datasheet HTML 18Page - STMicroelectronics TDA7407D Datasheet HTML 19Page - STMicroelectronics TDA7407D Datasheet HTML 20Page - STMicroelectronics TDA7407D Datasheet HTML 21Page - STMicroelectronics TDA7407D Datasheet HTML 22Page - STMicroelectronics TDA7407D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
19/34
TDA7407D
Figure 22. Relation Between Internal and External LEVEL Voltage and Setup of Stereoblend
Figure 23. High cut Characteristics
6.5.6 LEVEL Input and Gain
To suppress undesired high frequency modulation on the highcut and stereoblend function the LEVEL sig-
nal is lowpass filtered firstly.
The filter is a combination of a 1st order RC lowpass at 53kHz (working as anti-aliasing filter) and a 1st-
order switched capacitor lowpass at 2.2kHz. The second stage is a programmable gain stage to adapt the
LEVEL signal internally to different IF device (see Testmode section 5 LEVELINTERN).
The gain is widely programmable in 16 steps from 0dB to 10dB (step = 0.67dB). These 4 bits are located
together with the Roll-Off bits in the "Stereodecoder Adjustment" byte to simplify a possible adaptation dur-
ing the production of the carradio.
6.5.7 Stereoblend Control
The stereoblend control block converts the internal LEVEL voltage (LEVEL INTERN) into an demodulator
compatible analog signal which is used to control the channel separation between 0dB and the maximum
separation. Internally this control range has a fixed upper limit which is the internal reference voltage
REF5V. The lower limit can be programmed between 29.2% and 58%, of REF5V in 4.167% steps (see
figs. 22, 23). To adjust the external LEVEL voltage to the internal range two values must be defined: the
LEVEL gain LG and VSBL (see fig. 15). To adjust the voltage where the full channel separation is reached
(VST) the LEVEL gain LG has to be defined. The following equation can be used to estimate the gain:
INTERNAL
VOLTAGES
t
D97AU639
VSBL
REF 5V
SETUP OF VST
INTERNAL
VOLTAGES
t
33%
REF 5V
SETUP OF VMO
LEVEL
LEVEL INTERN
FIELDSTRENGHT VOLTAGE
VST
VMO
LEVEL INTERN
42%
50%
58%
VSBL
VST
VMO
FIELDSTRENGHT VOLTAGE
LOWPASS
TIME CONSTANT
D97AU640
τDeemp
FIELDSTRENGHT
VHCH
VHCL
3
•
τDeemp
L
G
REF5V
Field strenght voltage [STEREO]
---------------------------------------------------------------------------------------
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com