Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 11Page - STMicroelectronics TDA7407D Datasheet HTML 12Page - STMicroelectronics TDA7407D Datasheet HTML 13Page - STMicroelectronics TDA7407D Datasheet HTML 14Page - STMicroelectronics TDA7407D Datasheet HTML 15Page - STMicroelectronics TDA7407D Datasheet HTML 16Page - STMicroelectronics TDA7407D Datasheet HTML 17Page - STMicroelectronics TDA7407D Datasheet HTML 18Page - STMicroelectronics TDA7407D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
15/34
TDA7407D
6.4
TREBLE
There are two parameters programmable in the treble stage (see figs 17, 18):
6.4.1 Attenuation
Figure 17 shows the attenuation as a function of frequency at a center frequency of 17.5KHz.
6.4.2 Center Frequency
Figure 15 shows the four possible Center Frequency (10, 12.5, 15 and 17.5kHz).
6.4.3 AC Coupling
In some applications additional signal manipulations are desired, for example surround-sound or more-
band-equalizing. For this purpose a AC-Coupling is placed before the Speaker-attenuators, which can be
activated or internally shorted by Bit7 in the Bass/Treble-Configuration byte. In short condition the input-
signal of the speaker-attenuator is available at AC Outputs and the AC Input could be used as additional
stereo inputs. The input impedance of the AC Inputs is always 50K
Ω.
6.4.4 Speaker Attenuator
The speaker attenuators have exactely the same structure and range like the Volume stage.
Figure 10. Bass Control @ fc = 80Hz, Q = 1
Figure 11. Bass Center @ Gain = 14dB, Q = 1
Figure 12. Bass Quality factors @ Gain = 14dB,
fc = 80Hz
Figure 13. Bass normal and DC Mode @ Gain =
14dB, fc = 80Hz
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Note: In general the center frequency, Q and DC-mode can be set
independently. The exception from this rule is the mode (5/xx1111xx)
where the center frequency is set to 150Hz instead of 100Hz.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com