Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 18Page - STMicroelectronics TDA7407D Datasheet HTML 19Page - STMicroelectronics TDA7407D Datasheet HTML 20Page - STMicroelectronics TDA7407D Datasheet HTML 21Page - STMicroelectronics TDA7407D Datasheet HTML 22Page - STMicroelectronics TDA7407D Datasheet HTML 23Page - STMicroelectronics TDA7407D Datasheet HTML 24Page - STMicroelectronics TDA7407D Datasheet HTML 25Page - STMicroelectronics TDA7407D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7407D
22/34
configuration an external adaptation to the user's requirement is given in fig.25.
To keep the old value of the Multipath Detector during an AF-jump, the external capacitor can be discon-
nected by the MP-Hold switch. This switch can be controlled directly by the AFS-Pin.
Selecting the "internal influence" in the configuration byte, the channel separation is automatically reduced
during a multipath condition according to the voltage appearing at the MP_OUT pin. A possible application
is shown in fig. 25.
6.8.1 Programming
To obtain a good multipath performance an adaptation is necessary. Therefore tha gain of the 19kHz
bandpass is programmable in four steps as well as the rectifier gain. The attack and decay times can be
set by the external capacitor value.
6.9
QUALITY DETECTOR
The TDA7407D offers a quality detector output which gives a voltage representing the FM reception con-
ditions. To calculate this voltage the MPX noise and the multipath detector output are summed according
to the following formula:
Quality = 1.6 (Vnoise -0.8V)+ a (REF5V - VMPOUT)
The noise signal is the PEAK signal without additional influences. The factor "a" can be programmed from
0.7 to 1.15. the output is a low impedance output able to drive external circuitry as well as simply fed to
an A/D converter for RDS applications.
6.9.1 AF Search Control
The TDA7407D is supplied with several functionality to support AF-checks using the stereodecoder. As
mentioned already before the highohmic-mute feature avoids any clicks during the jump condition. It is
possible a the same time to evaluate the noise- and multipath-content of the alternate frequency by using
the Quality detector output. Therefore the multipath-detector is switched automatically to a small time-con-
stant.
One additional pin (AFS) is implemented in order to separate the audioprocessor-mute and stereodecoder
AF-functions. In Figure 24 the block diagram and control-functions of the complete AFS-functionality is
shown (please note that the pins AFS and SM are active low as well as all control-bits indicated by an
overbar).
6.10 TEST MODE
During the test mode, which can be activated by setting bit D0 of the testing byte and bit D5 of the subad-
dress byte to "1", several internal signals are available at the CASSR pin.
During this mode the input resistor of 100kOhm is disconnected from the pin. The internal signals available
are shown in the software specification.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com