Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 17Page - STMicroelectronics TDA7407D Datasheet HTML 18Page - STMicroelectronics TDA7407D Datasheet HTML 19Page - STMicroelectronics TDA7407D Datasheet HTML 20Page - STMicroelectronics TDA7407D Datasheet HTML 21Page - STMicroelectronics TDA7407D Datasheet HTML 22Page - STMicroelectronics TDA7407D Datasheet HTML 23Page - STMicroelectronics TDA7407D Datasheet HTML 24Page - STMicroelectronics TDA7407D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
21/34
TDA7407D
6.6.2 Automatic Noise Controlled ThresholdAdjustment (ATC)
There are mainly two independent possibilities for programming the trigger threshold:
a
the low threshold in 8 steps (bits D0 to D2 of the noiseblanker byte)
b
the noise adjusted threshold in 4 steps (bits D3 and D4 of the noiseblanker byte).
The low threshold is active in combination with a good MPX signal without any noise; the PEAK voltage
is less than 1V. The sensitivity in this operation is high.
If the MPX signal is noisy the PEAK voltage increases due to the higher noise, which is also rectified. With
increasing of the PEAK voltage the trigger threshold increases, too. This particular gain is programmable
in 4 steps.
6.7
AUTOMATIC THRESHOLD CONTROL MECHANISM
6.7.1 Automatic Threshold Control by the Stereoblend Voltage
Besides the noise controlled threshold adjustment there is an additional possibility for influencing the trig-
ger threshold. It is depending on the stereoblend control.
The point where the MPX signal starts to become noisy is fixed by the RF part. Therefore also the starting
point of the normal noise-controlled trigger adjustment is fixed (fig. ). In some cases the behaviour of the
noiseblanker can be improved by increasing the threshold even in a region of higher fieldstrength. Some-
times a wrong triggering occures for the MPX signal often shows distortion in this range which can be
avoided even if using a low threshold.Because of the overlap of this range and the range of the stereo/
mono transition it can be controlled by stereoblend. This threshold increase is programmable in 3 steps
or switched off with bits D0 and D1 of the fieldstrength control byte.
Figure 25. Block Diagram of the Multipath Detector
6.7.2 Over Deviation Detector
If the system is tuned to stations with a high deviation the noiseblanker can trigger on the higher frequen-
cies of the modulation. To avoid this wrong behaviour, which causes noise in the output signal, the noise-
blanker offers a deviation dependent threshold adjustment.
By rectifying the MPX signal a further signal representing the actual deviation is obtained. It is used to in-
crease the PEAK voltage. Offset and gain of this circuit are programmable in 3 steps with the bits D6 and
D7 of the stereodecoder byte (the first step turns off the detector, see fig. 25).
6.8
FUNCTIONAL DESCRIPTION OF THE MULTIPATH DETECTOR
Using the internal multipath detector the audible effects of a multipath condition can be minimized. A mul-
tipath condition is detected by rectifying the 19kHz spectrum in the fieldstrength signal.An external capac-
itor is used to define the attack and decay times. the MPOUT pin is used as detector output connected to
a capacitor of about 47nF and additionally the MPIN pin is selected to be the fieldstrength input. Using the
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com