Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 16Page - STMicroelectronics TDA7407D Datasheet HTML 17Page - STMicroelectronics TDA7407D Datasheet HTML 18Page - STMicroelectronics TDA7407D Datasheet HTML 19Page - STMicroelectronics TDA7407D Datasheet HTML 20Page - STMicroelectronics TDA7407D Datasheet HTML 21Page - STMicroelectronics TDA7407D Datasheet HTML 22Page - STMicroelectronics TDA7407D Datasheet HTML 23Page - STMicroelectronics TDA7407D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7407D
20/34
The gain can be programmed through 4 bits in the "Stereodecoder-Adjustment" byte.
The MONO voltage VMO (0dB channel separation) can be choosen selecting VSBLAll necessary internal
reference voltages like REF5V are derived from a bandgap circuit. Therefore they have a temperature co-
efficient near zero. This is useful if the fieldstrength signal is also temperature compensated.
But most IF devices apply a LEVEL voltage with a TC of 3300ppm. The TDA7407D offers this TC for the
reference voltages, too. The TC is selectable with bit D7 of the "stereodecoder adjustment" byte.
6.5.8 Highcut Control
The highcut control setup is similar to the stereoblend control setup : the starting point VHCH can be set
with 2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be set to be 17, 22, 28 or 33% of
VHCH (see fig. 23).
6.6
FUNCTIONAL DESCRIPTION OF THE NOISEBLANKER
In the automotive environment the MPX signal is disturbed by spikes produced by the ignition and for ex-
ample the wiper motor. The aim of the noiseblanker part is to cancel the audible influence of the spikes.
Therefore the output of the stereodecoder is held at the actual voltage for a time between 22 and 38
µs
(programmable).
The block diagram of the noiseblanker is given in fig. 24.
In a first stage the spikes must be detected but to avoid a wrong triggering on high frequency (white) noise
a complex trigger control is implemented. Behind the triggerstage a pulse former generates the "blanking"
pulse. To avoid any crosstalk to the signalpath the noiseblanker is supplied by his own biasing circuit.
6.6.1 Trigger Path
The incoming MPX signal is highpass filtered, amplified and rectified. This second order highpass-filter
has a corner frequency of 140kHz.
The rectified signal, RECT, is lowpass filtered to generate a signal called PEAK. Also noise with a frequen-
cy 140kHz increases the PEAK voltage. The resulting voltage can be adjusted by use of the noise rectifier
discharge current.
The PEAK voltage is fed to a threshold generator, which adds to the PEAK voltage a DC dependent
threshold VTH. Both signals, RECT and PEAK+VTH are fed to a comparator which triggers a re-trigger-
able monoflop. The monoflop's output activates the sample-and-hold circuits in the signalpath for selected
duration.
Figure 24. Block Diagram of the Noiseblanker
+
-
RECTIFIER
LOWPASS
RECT
+
+
THRESHOLD
GENERATOR
VTH
PEAK
ADDITIONAL
THRESHOLD
CONTROL
MONOFLOP
HOLDN
MPX
D98AU856
MPX
CONTROL
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com