Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 14Page - STMicroelectronics TDA7407D Datasheet HTML 15Page - STMicroelectronics TDA7407D Datasheet HTML 16Page - STMicroelectronics TDA7407D Datasheet HTML 17Page - STMicroelectronics TDA7407D Datasheet HTML 18Page - STMicroelectronics TDA7407D Datasheet HTML 19Page - STMicroelectronics TDA7407D Datasheet HTML 20Page - STMicroelectronics TDA7407D Datasheet HTML 21Page - STMicroelectronics TDA7407D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7407D
18/34
Figure 21. Internal Stereoblend Characteristics
If any other source than the stereodecoder is selected the decoder remains muted and the MPX pin is
connected to Vref to avoid any discharge of the coupling capacitor through leakage currents.
6.5.2 Ingain + Infilter
The Ingain stage allows to adjust the MPX signal to a magnitude of about 1Vrms internally which is the
recommended value. The 4th order input filter has a corner frequency of 80KHz and is used to attenuate
spikes and nose and acts as an anti allasing filter for the following switch capacitor filters.
6.5.3 Demodulator
In the demodulator block the left and the right channel are separated from the MPX signal. In this stage
also the 19 kHz pilot tone is cancelled. For reaching a high channel separation the TDA7407D offers an
I2C bus programmable roll-off adjustment which is able to compensate the lowpass behaviour of the tuner
section. If the tuner attenuation at 38kHz is in a range from 7.2% to 31.0% the TDA7407D needs no ex-
ternal network in front of the MPX pin. Within this range an adjustment to obtain at least 40dB channel
separation is possible.
The bits for this adjustment are located together with the fieldstrength adjustment in one byte. This gives
the possibility to perform an optimization step during the production of the carradio where the channel sep-
aration and the fieldstrength control are trimmed.
6.5.4 Deemphasis and Highcut.
The lowpass filter for the deemphasis allows to choose between a time constant of 50
µs and 75µs (bit D7,
Stereodecoder byte).
The highcut control range will be in both cases
τHC = 2 · τDeemp. Inside the highcut control range (between
VHCH and VHCL) the LEVEL signal is converted into a 5 bit word which controls the lowpass time con-
stant between
τDeemp...3 · τDeemp. There by the resolution will remain always 5 bits independently of the
absolute voltage range between the VHCH and VHCL values.
The highcut function can be switched off by I2C bus (bit D7, Fieldstrength byte set to "0").
6.5.5 PLL and Pilot Tone Detector
The PLL has the task to lock on the 19kHz pilotone during a stereo transmission to allow a correct demod-
ulation. The included detector enables the demodulation if the pilot tone reaches the selected pilot tone
threshold VPTHST. Two different thresholds are available. The detector output (signal STEREO, see block
diagram) can be checked by reading the status byte of the TDA7407D via I2C bus.
Fieldstrength Control
The fieldstrength input is used to control the high cut and the stereoblend function. In addition the signal
can be also used to control the noiseblanker thresholds and as input for the multipath detector.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com