Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 13Page - STMicroelectronics TDA7407D Datasheet HTML 14Page - STMicroelectronics TDA7407D Datasheet HTML 15Page - STMicroelectronics TDA7407D Datasheet HTML 16Page - STMicroelectronics TDA7407D Datasheet HTML 17Page - STMicroelectronics TDA7407D Datasheet HTML 18Page - STMicroelectronics TDA7407D Datasheet HTML 19Page - STMicroelectronics TDA7407D Datasheet HTML 20Page - STMicroelectronics TDA7407D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
17/34
TDA7407D
6.5
FUNCTIONAL DESCRIPTION OF STEREODECODER
The stereodecoder part of the TDA7407D (see Fig. 19) contains all functions necessary to demodulate
the MPX signal like pilot tone dependent MONO/STEREO switching as well as "stereoblend" and "highcut"
functions.
6.5.1 Stereodecoder Mute
The TDA7407 has a fast and easy to control RDS mute function which is a combination of the audiopro-
cessor's softmute and the high-ohmic mute of the stereodecoder. If the stereodecoder is selected and a
softmute command is sent (or activated through the SM pin) the stereodecoder will be set automatically
to the high-ohmic mute condition after the audio signal has been softmuted.
Hence a checking of alternate frequencies could be performed. To release the system from the mute con-
dition simply the unmute command must be sent: the stereodecoder is unmuted immediately and the au-
dioprocessor is softly unmuted. Fig. 20 shows the output signal VO as well as the internal stereodecoder
mute signal. This influence of Softmute on the stereodecoder mute can be switched off by setting bit 3 of
the Softmute byte to "0". A stereodecoder mute command (bit 0, stereodecoder byte set to "1") will set the
stereodecoder in any case independently to the high-ohmic mute state.
Figure 19. Block Diagram of the Stereodecoder
Figure 20. Signals During Stereodecoder's Softmute
SOFTMUTE
COMMAND
STD MUTE
VO
t
D97AU638
t
t
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com