Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7407D Datasheet HTML 1Page - STMicroelectronics TDA7407D Datasheet HTML 2Page - STMicroelectronics TDA7407D Datasheet HTML 3Page - STMicroelectronics TDA7407D Datasheet HTML 4Page - STMicroelectronics TDA7407D Datasheet HTML 5Page - STMicroelectronics TDA7407D Datasheet HTML 6Page - STMicroelectronics TDA7407D Datasheet HTML 7Page - STMicroelectronics TDA7407D Datasheet HTML 8Page - STMicroelectronics TDA7407D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3/34
TDA7407D
Table 5. PIN DESCRIPTION
Pin type legenda: I = Input O = Output I/O = Input/Output S = Supply nc = not connected
N.
Name
Function
Type
1
VREF
Reference Voltage Output
I
2
CREF
Reference Capacitor Pin
S
3
TAPEL
Tape Input Left
I
4
TAPER
Tape Input Right
I
5
CDR
CD Right Channel Input
I
6
CDGND
CD Input Common Ground
I
7
CDL
CD Input Left Channel
I
8
PH
Phone Input
I
9
AFS
AFS Drive
I
10
AM
AM Input
I
11
MPX
FM Stereodecoder Input
I
12
LEVEL
Level Input Stereodecoder
I
13
MPIN
Multipath Input
I
14
MPOUT
Multipath Output
O
15
MUXL
Multiplexer Output Left Channel
O
16
MUXR
Multiplexer Output Right Channel
O
17
QUAL
Stereodecoder Quality Output
O
18
SMUTE
Soft Mute Drive
I
19
SCL
I2C Clock Line
I
20
SDA
I2C Data Line
I/O
21
GND
Supply Ground
S
22
VS
Supply Voltage
S
23
OUTRR
Right Rear Speaker Output
O
24
OUTLR
Left Rear Speaker Output
O
25
OUTRF
Right Front Spaeaker Output
O
26
OUTLF
Left Front Speaker Output
O
27
ACOUTR
Pre-speaker AC Output Right Channel
O
28
ACOUTL
Pre-speaker AC Output Left Channel
O
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com