Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 10Page - STMicroelectronics TDA7407D Datasheet HTML 11Page - STMicroelectronics TDA7407D Datasheet HTML 12Page - STMicroelectronics TDA7407D Datasheet HTML 13Page - STMicroelectronics TDA7407D Datasheet HTML 14Page - STMicroelectronics TDA7407D Datasheet HTML 15Page - STMicroelectronics TDA7407D Datasheet HTML 16Page - STMicroelectronics TDA7407D Datasheet HTML 17Page - STMicroelectronics TDA7407D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7407D
14/34
Figure 9. Softmute Timing
For timing purposes the Bit 3 of the I2C bus output register is set to 1 from the start of muting until the end
of demuting.
6.2
BASS
There are four parameters programmable in the bass stage: (see figs 10, 11, 12, 13):
6.2.1 Attenuation
Figure 10 shows the attenuation as a function of frequency at a center frequency at a center frequency of 80Hz.
6.2.2 Center Frequency
Figure 11 shows the four possible center frequencies 60,70,80 and 100Hz.
6.2.3 Quality Factors
Figure 12 shows the four possible quality factors 1, 1.25, 1.5 and 2.
6.2.4 DC Mode
In this mode the DC gain is increased by 5.1dB. In addition the programmed center frequency and quality
factor is decreased by 25% which can be used to reach alternative center frequencies or quality factors.
6.3
MID
There are 3 parameters programmable in the mid stage (see figs. 14, 15 & 16)
6.3.1 Attenuation
Figure 14 shows the attenuation as a function of frequency at a center frequency of 1kHz.
6.3.2 Center Frequency
Figure 15 shows the four possible center frequencies 500Hz, 1kHz, 1.5kHz and 2kHz.
6.3.3 Quality Factor
Figure 16 shows the two possible quality factors 1 and 2 at a center frequency of 1kHz.
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634
Note: Please notice that a started Mute action is always terminated and could not be interrupted by a change of the mute signal.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com