Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407D Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 9Page - STMicroelectronics TDA7407D Datasheet HTML 10Page - STMicroelectronics TDA7407D Datasheet HTML 11Page - STMicroelectronics TDA7407D Datasheet HTML 12Page - STMicroelectronics TDA7407D Datasheet HTML 13Page - STMicroelectronics TDA7407D Datasheet HTML 14Page - STMicroelectronics TDA7407D Datasheet HTML 15Page - STMicroelectronics TDA7407D Datasheet HTML 16Page - STMicroelectronics TDA7407D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
13/34
TDA7407D
tion even with those CD players.
The output of the Cd stage is permanently available of the Cd out-pins
6.1.3 AutoZero
In order to reduce the number of pins there is no AC coupling between the In-Gain and the following stage,
so that any offset generated by or before the In-Gain stage would be transferred or even amplified to the
output.
To avoid that effect a special offset cancellation stage called AutoZero is implemented.
This stage is located before the volume-block to eliminate all offsets generated by the Stereodecoder, the
Input Stage and the In-Gain (Please notice that externally generated offsets, e.g. generated through the
leakage current of the coupling capacitors, are not cancelled).
The auto-zeroing is started every time the DATA-BYTE 0 is selected and takes a time of max. 0.3ms. To
avoid audible clicks the audioprocessor is muted before the volume stage during this time.
6.1.4 AutoZero Remain
In some cases, for example if the
µP is executing a refresh cycle of the I2C bus programming, it is not
useful to start a new AutoZero action because no new source is selected and an undesired mute would
appear at the outputs. For such applications the TDA7407D could be switched in the "Auto Zero Remain
mode" (Bit 6 of the subaddress byte). If this bit is set to high, the DATABYTE 0 could be loaded without
invoking the AutoZero and the old adjustment value remains.
6.1.5 Multiplexer Output
The output signal of the Input Multiplexer is available at separate pins (please see the Blockdiagram). This
signal represents the input signal amplifier by the In Gain stage and is also going into the Mixer stage.
6.1.6 Softmute
The digitally controlled softmute stage allows muting/demuting the signal with a I2C bus programmable
slope. The mute process can either be activated by the softmute pin or by the I2C bus. The slope is real-
ized in a special S shaped curve to mute slow in the critical regions (see figure 9).
Figure 8. Input Stages
15K
15K
100K
CD+
CD-
15K
15K
+
-
27K
28K
PHONE-
27K
28K
+
-
D98AU854D
100K
100K
100K
STEREODECODER
IN GAIN
CASSETTE
AM
MPX
1
1
100K
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com