Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 37 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 37 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond W25Q128FVCIP Datasheet HTML 35Page - Winbond W25Q128FVCIP Datasheet HTML 36Page - Winbond W25Q128FVCIP Datasheet HTML 37Page - Winbond W25Q128FVCIP Datasheet HTML 38Page - Winbond W25Q128FVCIP Datasheet HTML 39Page - Winbond W25Q128FVCIP Datasheet HTML 40Page - Winbond W25Q128FVCIP Datasheet HTML 41Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 36 -
Revision D
8.2.8 Fast Read Dual Output (3Bh)
The Fast Read Dual Output (3Bh) instruction is similar to the standard Fast Read (0Bh) instruction except
that data is output on two pins; IO0 and IO1. This allows data to be transferred at twice the rate of standard
SPI devices. The Fast Read Dual Output instruction is ideal for quickly downloading code from Flash to
RAM upon power-up or for applications that cache code-segments to RAM for execution.
Similar to the Fast Read instruction, the Fast Read Dual Output instruction can operate at the highest
possible frequency of FR (see AC Electrical Characteristics). This is accomplished by adding eight
“dummy” clocks after the 24-bit address as shown in Figure 18. The dummy clocks allow the device's
internal circuits additional time for setting up the initial address. The input data during the dummy clocks is
“don’t care”. However, the IO0 pin should be high-impedance prior to the falling edge of the first data out
clock.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (3Bh)
High Impedance
8
9
10
28
29
30
32
33
34
35
36
37
38
39
6
4
2
0
24-Bit Address
23
22
21
3
2
1
0
*
*
31
31
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Dummy Clocks
0
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
7
5
3
1
High Impedance
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
IO
0 switches from
Input to Output
6
7
Data Out 1
* Data Out 2
* Data Out 3
* Data Out 4
= MSB
*
Figure 18. Fast Read Dual Output Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com