Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 18 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 18 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 14Page - Winbond W25Q128FVCIP Datasheet HTML 15Page - Winbond W25Q128FVCIP Datasheet HTML 16Page - Winbond W25Q128FVCIP Datasheet HTML 17Page - Winbond W25Q128FVCIP Datasheet HTML 18Page - Winbond W25Q128FVCIP Datasheet HTML 19Page - Winbond W25Q128FVCIP Datasheet HTML 20Page - Winbond W25Q128FVCIP Datasheet HTML 21Page - Winbond W25Q128FVCIP Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
W25Q128FV
- 17 -
7.1.4
Top/Bottom Block Protect (TB) – Volatile/Non-Volatile Writable
The non-volatile Top/Bottom bit (TB) controls if the Block Protect Bits (BP2, BP1, BP0) protect from the
Top (TB=0) or the Bottom (TB=1) of the array as shown in the Status Register Memory Protection table.
The factory default setting is TB=0. The TB bit can be set with the Write Status Register Instruction
depending on the state of the SRP0, SRP1 and WEL bits.
7.1.5 Sector/Block Protect Bit (SEC) – Volatile/Non-Volatile Writable
The non-volatile Sector/Block Protect bit (SEC) controls if the Block Protect Bits (BP2, BP1, BP0) protect
either 4KB Sectors (SEC=1) or 64KB Blocks (SEC=0) in the Top (TB=0) or the Bottom (TB=1) of the array
as shown in the Status Register Memory Protection table. The default setting is SEC=0.
7.1.6
Complement Protect (CMP) – Volatile/Non-Volatile Writable
The Complement Protect bit (CMP) is a non-volatile read/write bit in the status register (S14). It is used in
conjunction with SEC, TB, BP2, BP1 and BP0 bits to provide more flexibility for the array protection. Once
CMP is set to 1, previous array protection set by SEC, TB, BP2, BP1 and BP0 will be reversed. For
instance, when CMP=0, a top 64KB block can be protected while the rest of the array is not; when
CMP=1, the top 64KB block will become unprotected while the rest of the array become read-only. Please
refer to the Status Register Memory Protection table for details. The default setting is CMP=0.
7.1.7
Status Register Protect (SRP1, SRP0) – Volatile/Non-Volatile Writable
The Status Register Protect bits (SRP1 and SRP0) are non-volatile read/write bits in the status register
(S8 and S7). The SRP bits control the method of write protection: software protection, hardware
protection, power supply lock-down or one time programmable (OTP) protection.
SRP1 SRP0
/WP
Status
Register
Description
0
0
X
Software
Protection
/WP pin has no control. The Status register can be written to
after a Write Enable instruction, WEL=1. [Factory Default]
0
1
0
Hardware
Protected
When /WP pin is low the Status Register locked and cannot
be written to.
0
1
1
Hardware
Unprotected
When /WP pin is high the Status register is unlocked and can
be written to after a Write Enable instruction, WEL=1.
1
0
X
Power Supply
Lock-Down
Status Register is protected and cannot be written to again
until the next power-down, power-up cycle.
(1)
1
1
X
One Time
Program
(2)
Status Register is permanently protected and cannot be
written to.
Notes:
1. When SRP1, SRP0 = (1, 0), a power-down, power-up cycle will change SRP1, SRP0 to (0, 0) state.
2. This feature is available upon special order. Please contact Winbond for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com