Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 94 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 94 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 89Page - Winbond W25Q128FVCIP Datasheet HTML 90Page - Winbond W25Q128FVCIP Datasheet HTML 91Page - Winbond W25Q128FVCIP Datasheet HTML 92Page - Winbond W25Q128FVCIP Datasheet HTML 93Page - Winbond W25Q128FVCIP Datasheet HTML 94Page - Winbond W25Q128FVCIP Datasheet HTML 95Page - Winbond W25Q128FVCIP Datasheet HTML 96Page - Winbond W25Q128FVCIP Datasheet HTML 97Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 94 / 97 page
background image
W25Q128FV
- 93 -
10.8 24-Ball TFBGA 8x6-mm (Package Code C, 6x4 ball array)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
---
---
1.20
---
---
0.047
A1
0.25
0.30
0.35
0.010
0.012
0.014
b
0.35
0.40
0.45
0.014
0.016
0.018
D
7.95
8.00
8.05
0.313
0.315
0.317
D1
5.00 BSC
0.197 BSC
E
5.95
6.00
6.05
0.234
0.236
0.238
E1
3.00 BSC
0.118 BSC
e
1.00 BSC
0.039 BSC
Note:
Ball land: 0.45mm.
Ball Opening: 0.35mm
PCB ball land suggested <= 0.35mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com