Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 32 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 32 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 28Page - Winbond W25Q128FVCIP Datasheet HTML 29Page - Winbond W25Q128FVCIP Datasheet HTML 30Page - Winbond W25Q128FVCIP Datasheet HTML 31Page - Winbond W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond W25Q128FVCIP Datasheet HTML 35Page - Winbond W25Q128FVCIP Datasheet HTML 36Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
W25Q128FV
- 31 -
During volatile Status Register write operation (50h combined with 01h/31h/11h), after /CS is driven high,
the Status Register bits will be refreshed to the new values within the time period of tSHSL2 (See AC
Characteristics). BUSY bit will remain 0 during the Status Register bit refresh period.
The Write Status Register instruction can be used in both SPI mode and QPI mode. However, the QE bit
cannot be written to when the device is in the QPI mode, because QE=1 is required for the device to enter
and operate in the QPI mode.
Refer to section 7.1 for Status Register descriptions.
Figure 9a. Write Status Register-1/2/3 Instruction (SPI Mode)
Figure 9b. Write Status Register-1/2/3 Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com