Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 29 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 29 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 25Page - Winbond W25Q128FVCIP Datasheet HTML 26Page - Winbond W25Q128FVCIP Datasheet HTML 27Page - Winbond W25Q128FVCIP Datasheet HTML 28Page - Winbond W25Q128FVCIP Datasheet HTML 29Page - Winbond W25Q128FVCIP Datasheet HTML 30Page - Winbond W25Q128FVCIP Datasheet HTML 31Page - Winbond W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 28 -
Revision D
(IO
1)
8.2 Instruction Descriptions
8.2.1
Write Enable (06h)
The Write Enable instruction (Figure 5) sets the Write Enable Latch (WEL) bit in the Status Register to a
1. The WEL bit must be set prior to every Page Program, Quad Page Program, Sector Erase, Block
Erase, Chip Erase, Write Status Register and Erase/Program Security Registers instruction. The Write
Enable instruction is entered by driving /CS low, shifting the instruction code “06h” into the Data Input (DI)
pin on the rising edge of CLK, and then driving /CS high.
/CS
CLK
DI
(IO
0)
DO
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Mode 0
Mode 3
Instruction (06h)
High Impedance
/CS
CLK
Mode 0
Mode 3
0
1
Mode 0
Mode 3
IO
0
IO
1
IO
2
IO
3
06h
Instruction
Figure 5. Write Enable Instruction for SPI Mode (left) or QPI Mode (right)
8.2.2
Write Enable for Volatile Status Register (50h)
The non-volatile Status Register bits described in section 7.1 can also be written to as volatile bits. This
gives more flexibility to change the system configuration and memory protection schemes quickly without
waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-
volatile bits. To write the volatile values into the Status Register bits, the Write Enable for Volatile Status
Register (50h) instruction must be issued prior to a Write Status Register (01h) instruction. Write Enable
for Volatile Status Register instruction (Figure 6) will not set the Write Enable Latch (WEL) bit, it is only
valid for the Write Status Register instruction to change the volatile Status Register bit values.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Mode 0
Mode 3
Instruction (50h)
High Impedance
/CS
CLK
Mode 0
Mode 3
0
1
Mode 0
Mode 3
IO
0
IO
1
IO
2
IO
3
50h
Instruction
Figure 6. Write Enable for Volatile Status Register Instruction for SPI Mode (left) or QPI Mode (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com