Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 91 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 91 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 87Page - Winbond W25Q128FVCIP Datasheet HTML 88Page - Winbond W25Q128FVCIP Datasheet HTML 89Page - Winbond W25Q128FVCIP Datasheet HTML 90Page - Winbond W25Q128FVCIP Datasheet HTML 91Page - Winbond W25Q128FVCIP Datasheet HTML 92Page - Winbond W25Q128FVCIP Datasheet HTML 93Page - Winbond W25Q128FVCIP Datasheet HTML 94Page - Winbond W25Q128FVCIP Datasheet HTML 95Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
W25Q128FV
10.5 8-Pad WSON 8x6-mm (Package Code E)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.35
0.40
0.48
0.014
0.016
0.019
C
---
0.20 REF
---
---
0.008 REF
---
D
7.90
8.00
8.10
0.311
0.315
0.319
D2
3.35
3.40
3.45
0.132
0.134
0.136
E
5.90
6.00
6.10
0.232
0.236
0.240
E2
4.25
4.30
4.35
0.167
0.169
0.171
e
---
1.27
---
---
0.050
---
L
0.45
0.50
0.55
0.018
0.020
0.022
y
0.00
---
0.050
0.000
---
0.002
Publication Release Date: October 01, 2012
- 90 -
Revision D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com