Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 8 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 8 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 4Page - Winbond W25Q128FVCIP Datasheet HTML 5Page - Winbond W25Q128FVCIP Datasheet HTML 6Page - Winbond W25Q128FVCIP Datasheet HTML 7Page - Winbond W25Q128FVCIP Datasheet HTML 8Page - Winbond W25Q128FVCIP Datasheet HTML 9Page - Winbond W25Q128FVCIP Datasheet HTML 10Page - Winbond W25Q128FVCIP Datasheet HTML 11Page - Winbond W25Q128FVCIP Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
W25Q128FV
- 7 -
3.4 Pin Configuration SOIC 300-mil
Figure 1c. W25Q128FV Pin Assignments, 16-pin SOIC 300-mil (Package Code F)
3.5 Pin Description SOIC 300-mil
PIN NO.
PIN NAME
I/O
FUNCTION
1
/HOLD (IO3)
I/O
Hold Input (Data Input Output 3)
(2)
2
VCC
Power Supply
3
/RESET
I
Reset Input
(3)
4
N/C
No Connect
5
N/C
No Connect
6
N/C
No Connect
7
/CS
I
Chip Select Input
8
DO (IO1)
I/O
Data Output (Data Input Output 1)
(1)
9
/WP (IO2)
I/O
Write Protect Input (Data Input Output 2)
(2)
10
GND
Ground
11
N/C
No Connect
12
N/C
No Connect
13
N/C
No Connect
14
N/C
No Connect
15
DI (IO0)
I/O
Data Input (Data Input Output 0)
(1)
16
CLK
I
Serial Clock Input
Notes:
1. IO0 and IO1 are used for Standard and Dual SPI instructions
2. IO0 – IO3 are used for Quad SPI instructions, /WP & /HOLD (or /RESET) functions are only available for Standard/Dual SPI.
3. The /RESET pin on SOIC-16 package is independent of the HOLD/RST bit and QE bit settings in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com