Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 13 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 13 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 9Page - Winbond W25Q128FVCIP Datasheet HTML 10Page - Winbond W25Q128FVCIP Datasheet HTML 11Page - Winbond W25Q128FVCIP Datasheet HTML 12Page - Winbond W25Q128FVCIP Datasheet HTML 13Page - Winbond W25Q128FVCIP Datasheet HTML 14Page - Winbond W25Q128FVCIP Datasheet HTML 15Page - Winbond W25Q128FVCIP Datasheet HTML 16Page - Winbond W25Q128FVCIP Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 12 -
Revision D
6. FUNCTIONAL DESCRIPTIONS
6.1 SPI / QPI Operations
Figure 3. W25Q128FV Serial Flash Memory Operation Diagram
6.1.1
Standard SPI Instructions
The W25Q128FV is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI instructions
use the DI input pin to serially write instructions, addresses or data to the device on the rising edge of
CLK. The DO output pin is used to read data or status from the device on the falling edge of CLK.
SPI bus operation Mode 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and
Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and data is
not being transferred to the Serial Flash. For Mode 0, the CLK signal is normally low on the falling and
rising edges of /CS. For Mode 3, the CLK signal is normally high on the falling and rising edges of /CS.
6.1.2
Dual SPI Instructions
The W25Q128FV supports Dual SPI operation when using instructions such as “Fast Read Dual Output
(3Bh)” and “Fast Read Dual I/O (BBh)”. These instructions allow data to be transferred to or from the
device at two to three times the rate of ordinary Serial Flash devices. The Dual SPI Read instructions are
ideal for quickly downloading code to RAM upon power-up (code-shadowing) or for executing non-speed-
critical code directly from the SPI bus (XIP). When using Dual SPI instructions, the DI and DO pins
become bidirectional I/O pins: IO0 and IO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com