Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 69 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 69 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 65Page - Winbond W25Q128FVCIP Datasheet HTML 66Page - Winbond W25Q128FVCIP Datasheet HTML 67Page - Winbond W25Q128FVCIP Datasheet HTML 68Page - Winbond W25Q128FVCIP Datasheet HTML 69Page - Winbond W25Q128FVCIP Datasheet HTML 70Page - Winbond W25Q128FVCIP Datasheet HTML 71Page - Winbond W25Q128FVCIP Datasheet HTML 72Page - Winbond W25Q128FVCIP Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 68 -
Revision D
8.2.32 Program Security Registers (42h)
The Program Security Register instruction is similar to the Page Program instruction. It allows from one
byte to 256 bytes of security register data to be programmed at previously erased (FFh) memory locations.
A Write Enable instruction must be executed before the device will accept the Program Security Register
Instruction (Status Register bit WEL= 1). The instruction is initiated by driving the /CS pin low then shifting
the instruction code “42h” followed by a 24-bit address (A23-A0) and at least one data byte, into the DI pin.
The /CS pin must be held low for the entire length of the instruction while data is being sent to the device.
ADDRESS
A23-16
A15-12
A11-8
A7-0
Security Register #1
00h
0 0 0 1
0 0 0 0
Byte Address
Security Register #2
00h
0 0 1 0
0 0 0 0
Byte Address
Security Register #3
00h
0 0 1 1
0 0 0 0
Byte Address
The Program Security Register instruction sequence is shown in Figure 46. The Security Register Lock
Bits (LB3-1) in the Status Register-2 can be used to OTP protect the security registers. Once a lock bit is
set to 1, the corresponding security register will be permanently locked, Program Security Register
instruction to that register will be ignored (See 7.1.8, 8.2.25 for detail descriptions).
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (42h)
8
9
10
28
29
30
39
24-Bit Address
23
22
21
3
2
1
*
/CS
CLK
40
DI
(IO
0)
41
42
43
44
45
46
47
Data Byte 2
48
49
50
52
53
54
55
51
39
7
6
5
4
3
2
1
0
0
31
0
32
33
34
35
36
37
38
Data Byte 1
7
6
5
4
3
2
1
*
Mode 0
Mode 3
= MSB
*
0
Data Byte 3
Data Byte 256
*
7
6
5
4
3
2
1
0
*
7
6
5
4
3
2
1
0
*
Figure 46. Program Security Registers Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com